Electronic Components Datasheet Search
  English  ▼

X  

74115 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 74115
Description  Phillips Bits
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74115 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  74115 Datasheet HTML 1Page - List of Unclassifed Manufacturers 74115 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
Germany
188
Phillips Insert Bits, 1/4”
Item
No.
Size mm
pkg.
lbs.
711 00
0
25
10
.10
711 01
1
25
10
.11
711 02
2
25
10
.11
711 03
3
25
10
.11
711
Phillips Insert Bit Bulk Packs, 1/4”
No.
Size
mm
pkg.
lbs.
711 25
2
25
25 pc
.29
711 50
2
25
50 pc
.60
711 99
2
25
100 pc
1.16
711
Phillips Long Insert Bits. 1/4” Hex
Drive, Length 2.0”/50mm
Item
No.
Size mm
pkg. lbs.
711 05
1
50
10
.25
711 06
2
50
10
.25
711 07
3
50
10
.27
711
Phillips ACR Insert Bits, 1/4”
Item
No.
Size mm
pkg. lbs.
711 26
1
2510.11
711 27
2
2510.11
711 28
3
2510.11
711
Phillips Insert Bit Packs, 1
”
CVM S2 modified tool steel
Item
No.
Size
mm
lbs.
2 Bit Pack
711 49
0
25
.03
711 51
1
25
.03
711 52
2
25
.03
711 53
3
25
.04
711
Phillips Insert Bit Packs, 1
”
CVM S2 modified tool steel. 5/16” Hex Drive.
Item
No.
Size
mm
lbs.
2 Bit Pack
721 02
232.05
721 03
332.06
721 04
438.07
721
Phillips Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 3 pc. bit pack.
711 54
Set includes the following bits:
Phillips Sizes:
wt. .04
1, 2, 3 x 1” (25mm)
711 54
Phillips Insert Bit Packs, 1
” CVM
S2 modified tool steel. Extra hard with natural
finish. Exact fit machined tips. 6 pc. bit pack.
711 55
Set includes the following bits:
Phillips Sizes:
wt. .08
6 pieces 2 x 1” (25mm)
711 55
Slotted/Phillips Insert Bit Packs, 1
”
CVM S2 modified tool steel. Extra hard with
natural finish, exact fit machined tips. 6 pc. bit pk.
710 56
Set includes the following bits:
Slotted Sizes:
4.5, 5.5, 6.5 x 1” (25mm)
Phillips Sizes:
lbs.
1, 2, 3 x 1” (25mm)
.08
710 56
Phillips Bits
The ideal multi-purpose bits for all
around quality and performance
Made in Germany - Production Quality
High resistant to
wear and tear for
a long tool life
Suitable for all applications
Hardness HRC 59-61
Suitable for both manual &
machine applications
Impact resistant modified
chrome-vanadium-molybdenum,
tool steel, hardened
Wiha Phillips Insert Bits and Power Bits
High grade CVM steel, hardened torsion
zone to prevent uneven torque distribution
DIN 3126 ISO 1173 with anti-camout ribs
I
N
D
E
X
Go To
Image Index
Go To
Numerical Index
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 74115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7411 ETC1-7411 Datasheet
56Kb / 1P
TRIPLE 3-INPUT AND GATE
logo
C&K Components
7411 CK-COMPONENTS-7411 Datasheet
1Mb / 22P
Miniature Rocker Lever Handle Switches
logo
Heyco.
7411 HEYCO-7411 Datasheet
130Kb / 1P
Strain Relief Mounting Hole Punches
logo
STMicroelectronics
74112 STMICROELECTRONICS-74112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
logo
List of Unclassifed Man...
7411DC ETC1-7411DC Datasheet
56Kb / 1P
TRIPLE 3-INPUT AND GATE
More results

Similar Description - 74115

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
ASD-BIT-KS1X50 PHOENIX-ASD-BIT-KS1X50 Datasheet
48Kb / 2P
Tool bits for Phillips screws
ASD-BIT-KS2X50 PHOENIX-ASD-BIT-KS2X50 Datasheet
47Kb / 2P
Tool bits for Phillips screws
ASD-BIT-KS-2X90 PHOENIX-ASD-BIT-KS-2X90 Datasheet
46Kb / 2P
Tool bits for Phillips screws
SF-PH-0-60 PHOENIX-SF-PH-0-60 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-3-150 PHOENIX-SF-PH-3-150 Datasheet
49Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SZG-0 PHOENIX-SZG-0 Datasheet
80Kb / 4P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PH-1-80-S-VDE PHOENIX-SF-PH-1-80-S-VDE Datasheet
60Kb / 2P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PHSL-1-80-S-VDE PHOENIX-SF-PHSL-1-80-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZ-2-100-S-VDE PHOENIX-SF-PZ-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
SF-PZSL-2-100-S-VDE PHOENIX-SF-PZSL-2-100-S-VDE Datasheet
54Kb / 3P
Screwdrivers for Phillips screws with Pozidriv and Phillips Recess screw head
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com