Electronic Components Datasheet Search
  English  ▼

X  

3G Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # 3G
Description  180 WATT POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

3G Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  3G Datasheet HTML 1Page - Tumbler Technologies + TRUMPower 3G Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
3G & 3RG SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Product No.
Output
Maximum
IEC 320/C14 Inlet
IEC 320/C6 Inlet
Vnom.
Imax.
Imin.
Tol.
Output Power
3G-18-180
3RG-18-180
18V
10.0A
0A
5%
180W
3G-19-180
3RG-19-180
19V
9.47A
0A
5%
180W
3G-24-180
3RG-24-180
24V
7.5A
0A
5%
180W
3G-48-180
3RG-48-180
48V
3.75A
0A
5%
180W
NOTE: Ripple and noise: Peak-to-peak with 20MHz bandwidth and 47µF tantalum capacitor in parallel with a 0.1µF ceramic
capacitor at rated line voltage and load ranges.
MECHANICAL SPECIFICATIONS
NO TES:
1. Dimensions show n in inch [mm]
2. To lerance 0.02 [0.5] maximum
3. W e ight: 860 grams approx.
4. St andard output connector is a male 4-pin pow er DI N plug. Please consult TRUM Pow e r for other options.
PIN CHART
1
2
3
4
Shell of Connector
Output +V
Output +V
Return
Return
Return &
AC Ground
or IEC 320/C6 INLET (3 round pins)
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com