Electronic Components Datasheet Search
  English  ▼

X  

TEM15 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TEM15
Description  15 Watts AC/DC Medical Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TEM15 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TEM15 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TEM15 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TEM15 Series
15 Watts AC/DC Medical Power Modules
TEM15-2011-0119-1
MECHANICAL DRAWING
PIN CHART
INPUT SPECIFICATIONS
Input Voltage Range ................... 90~264 VAC or 100~375 VDC
Input Frequency .......................... 47~440Hz
Input Current. .............................. 220mA max. @ 115 VAC
118mA max. @ 230 VAC
Inrush Current . ........................... 10A max. @ 115 VAC
20A max. @ 230 VAC
Leakage Current ........................ 0.1mA max. @ 115 VAC
0.2mA max. @ 230 VAC
Recommended External Fuse ... 2.0A slow blow type
OUTPUT SPECIFICATIONS
Output Wattage ........................... 15W max.
Output Voltage ............................ See tables
Voltage Accuracy, Single ............. ±2% max.
Dual ............... ±2% max.
Triple .............. ±3% max.
Minimum Load, Single ............... Not required
Dual ................. 10%
Triple ................ 25%
Line Regulation, Single ............. 0.5% max.
Dual ............... 0.5% max.
Triple .............. 2% max.
Ripple & Noise* .......................... 1% of Vout
Hold-up Time .............................. 20ms min.
Switching Frequency .................. 132KHz
Overcurrent Protection ............... Above 105% rated
output power
Overvoltage Protection ............... Zener diode clamp
Short-circuit Protection ............... Hiccup mode, indefinite
(automatic-recover)
Over Temperature Protection ..... 100°C
Input-Output Isolation ................ 4000 VAC
*Ripple & Noise are measured at 20MHz of bandwidth with 0.1µF & 47µF
capacitors in parallel.
GENERAL SPECIFICATIONS
Efficiency ................................. 83% max.
Operating Temperature .......... -25°C to +70°C
Derating ................................... Derate linearly from 100%
@ 50°C to 50% @ 70°C
Case Temperature .................. +95°C max.
Cooling .................................... Free-air convection
Storage Temperature .............. -40°C to +100°C
Temperature Coefficient ......... ±0.01%/°C
Relative Humidity .................... 95% RH
MTBF ........................................ 200K to 400K hours at full load,
25°C ambient, calculated per
MIL-HDBK-217F
Dimensions (LxWxH) ............ 2.52 x 1.79 x 0.92 inches
(64.0 x 45.6 x 23.5 mm)
Case Material ............................ Plastic resin with fiberglass case,
UL 94V-0 rated
Weight ...................................... 120g
EMC & SAFETY STANDARDS
Safety Standards ..................... UL 60601-1, IEC60601-1,
EN 60601-1
Safety Approvals ...................... UL, cUL, CB
EMI (PFI Conducted) ............... EN55011, Class B
EMC Standards ....................... EN60601-1-2
ESD Susceptibility .................. EN60601-1-2
Radiated Susceptibility ........... EN60601-1-2
EFT / Burst ............................... EN60601-1-2
Surge ....................................... EN60601-1-2
Conducted Susceptibility ........ EN60601-1-2
.
O
N
N
I
P
E
L
G
N
I
S
L
A
U
D
E
L
P
I
R
T
1
N
I
P
O
NN
I
P
O
NN
I
P
O
N
2
)
L
(
N
I
C
A)
L
(
N
I
C
A)
L
(
N
I
C
A
3
)
N
(
N
I
C
A)
N
(
N
I
C
A)
N
(
N
I
C
A
4
T
U
O
C
D
-T
U
O
C
D
-N
T
R
V
5
+
5
N
I
P
O
NN
O
M
M
O
CT
U
O
V
5
+
6
N
I
P
O
NN
I
P
O
NT
U
O
C
D
-
7
T
U
O
C
D
+T
U
O
C
D
+N
I
P
O
N
8
N
I
P
O
NN
I
P
O
NN
O
M
M
O
C
9
N
I
P
O
NN
I
P
O
NT
U
O
C
D
+
All specifications typical at nominal input voltage, full load and +25°C
after warm-up time unless otherwise noted.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com