Electronic Components Datasheet Search
  English  ▼

X  

TES3 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TES3
Description  3 Watts AC/DC Power Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TES3 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TES3 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TES3 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TES3 Series
3 Watts AC/DC Power Modules
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
FEATURES
• PCB Mount Switching Power Modules
• Fully Encapsulated Plastic Case
• 90-264VAC, 47-63Hz Universal Input
• Low Ripple and Noise
• Class II Construction
• 0 to 100% Remote Voltage Programming
• 0.3W Maximum No-Load
• CE, UL Approvals
INPUT SPECIFICATIONS
Input Voltage Range ........................ 90~264 VAC or 120~370 VDC
Input Frequency ............................... 47~63Hz
Input Current .................................... 75mA max. @ 115 VAC
55mA max. @ 230 VAC
Inrush Current ................................. 20A max. @ 115 VAC
50A max. @ 230 VAC
Leakage Current ............................. 0.25mA max.
Recommended External Fuse ........ 3.15A slow blow type
OUTPUT SPECIFICATIONS
Output Wattage ................................ 3W max.
Output Voltage ................................. See table
Voltage Accuracy .............................. ±10%
Line Regulation, LL-HL .................. 3.3V: ±5% typ,
5V~24V: ±2% typ.
Load Regulation, 0-100% .............. 3.3V: ±5% typ,
5V~24V: ±2% typ.
Minimum Output Load ..................... Not required
Hold-up Time ................................... 15ms min.
Switching Frequency ....................... 132±8KHz
Overpower Protection ..................... Hiccup mode, auto-recovery
Overvoltage Protection .................... Zener diode clamp
Short-circuit Protection .................... Hiccup mode, indefinite,
auto-recovery
Input-Output Isolation ..................... 3750 VAC
MODELS LIST
*
.
o
N
t
c
u
d
o
r
P
3
.
3
S
-
3
S
E
T
5
S
-
3
S
E
T
9
S
-
3
S
E
T
2
1
S
-
3
S
E
T
5
1
S
-
3
S
E
T
4
2
S
-
3
S
E
T
e
g
a
t
l
o
V
t
u
p
t
u
OV
3
.
3V
5V
9V
2
1V
5
1V
4
2
t
n
e
r
r
u
C
t
u
p
t
u
O
.
x
a
MA
m
0
0
9A
m
0
0
6A
m
3
3
3A
m
0
5
2A
m
0
0
2A
m
5
2
1
d
a
o
L
e
v
i
t
i
c
a
p
a
C
.
x
a
MF
µ
0
0
0
4
1F
µ
0
0
0
8F
µ
0
0
2
3F
µ
0
0
5
1F
µ
0
0
0
1F
µ
0
7
4
)
.
x
a
m
p
-
p
V
(
*
*
e
s
i
o
N
&
e
l
p
p
i
RV
m
0
5
2V
m
0
0
2V
m
0
5
1V
m
0
0
1V
m
0
0
1V
m
0
0
1
GENERAL SPECIFICATIONS
Efficiency ............................... 77% max.
Operating Temperature ........ -40°C to +85°C
Derating ................................. Refer to Power Derating Curve
Cooling .................................. Free air convection
Storage Temperature ............ -40°C to +125°C
Temp. Coefficient .................. ±0.02%/°C
Relative Humidity .................. 95% RH
MTBF ...................................... 650K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
Dimensions (LxWxH) .......... 1.37 x 0.71 x 0.86 inches
(35.0 x 18.0 x 22.0 mm)
Case Material: ......................... Plastic resin with fiberglass case,
UL 94V-0 rated
Weight .................................... 26g
EMC & SAFETY STANDARDS
Safety Standards ................... UL60950-1, EN60950-1
Agency Approvals .................. UL, cUL, CB, CE
EMI ......................................... EN55022, Class B
(Conducted & Radiated Emission)
EMS ........................................ EN55024 (Noise Immunity)
*Add suffix A for Type A, suffix B for Type B
**Ripple & Noise are measured at 20MHz bandwidth with 0.1µF & 47µF capacitors in parallel.
Type B
Type A
All specifications typical at nominal input voltage, full load and +25°C after warm-up time unless otherwise noted.


Similar Part No. - TES3

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TES3 TRACOPOWER-TES3 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
TES3-1210 TRACOPOWER-TES3-1210 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
TES3-1211 TRACOPOWER-TES3-1211 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
TES3-1212 TRACOPOWER-TES3-1212 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
TES3-1222 TRACOPOWER-TES3-1222 Datasheet
278Kb / 4P
DC/DC Converters TES 3 Series, 3 Watt
Rev. October 6, 2021
More results

Similar Description - TES3

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
10 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
15 Watts Universal Input Range AC/DC Power Modules
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
30 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
60 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
60 Watts Universal Input Range AC/DC Power Modules
logo
Tumbler Technologies + ...
TEC8 TRUMPOWER-TEC8 Datasheet
99Kb / 2P
8 Watts AC/DC Power Modules
TEM15 TRUMPOWER-TEM15 Datasheet
88Kb / 2P
15 Watts AC/DC Medical Power Modules
TEM40 TRUMPOWER-TEM40 Datasheet
96Kb / 2P
40 Watts AC/DC Medical Power Modules
logo
XP Power Limited
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
AC-DC Power Supplies 3 Watts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com