Electronic Components Datasheet Search
  English  ▼

X  

74HC595P Datasheet(PDF) 6 Page - Tiger Electronic Co.,Ltd

Part # 74HC595P
Description  8-Bit Shift Registers with Output Latches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

74HC595P Datasheet(HTML) 6 Page - Tiger Electronic Co.,Ltd

  74HC595P Datasheet HTML 1Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 2Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 3Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 4Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 5Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 6Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 7Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 8Page - Tiger Electronic Co.,Ltd 74HC595P Datasheet HTML 9Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74HC595
Rev 2.2
2013-11-21
6/7
AC Characteristics (VCC =5V,TA =25℃,tr=tf =6ns)
Symbol
Parameter
Condition
Typ
Guaranteed
Limit
Unit
fMAX
Maximum Operating Frequency of
SCK
50
30
MHz
tPHL tPLH
Maximum Propagation Delay, SCK
to QH’
CL =45pF
12
20
ns
tPHL tPLH
Maximum Propagation Delay, RCK
to QA thru QH
CL =45pF
18
30
ns
tPZH tPZL
Maximum Output Enable Time from
G to QA thru QH
RL=1kΩ
CL =45pF
17
28
ns
tPHZ tPLZ
Maximum Output Disable Time
from G to QA to QH
RL=1kΩ
CL =5pF
15
25
ns
tS
Minimum Setup Time from SER to
SCK
20
ns
tS
Minimum Setup Time from SCLR
to SCK
20
ns
tS
Minimum Setup Time from SCK to
RCK
40
ns
tH
Minimum Hold Time from SER to
SCK
0
ns
tW
Minimum Pulse Width of SCK or
RCK
16
ns
AC Characteristics (VCC =2.0~6.0V,CL =50pF,tr=tf =6ns)
Symb
ol
Parameter
Condition
VCC
TA=25℃
TA=25 to 85℃
TA=-55 to 125℃
Unit
Typ
Guaranteed Limit
fMAX
Maximum
Operating
Frequency
CL =50pF
2V
10
6
4.8
4.0
MHz
4.5V
45
30
24
20
6V
50
35
28
24
tPHL
tPLH
Maximum
Propagation
Delay from
SCK to QH
CL =50pF
CL =150pF
2V
58
210
265
315
ns
2V
83
294
367
441
CL =50pF
CL =150pF
4.5V
14
42
53
63
ns
4.5V
17
58
74
88
CL =50pF
CL =150pF
6V
10
36
45
54
ns
6V
14
50
63
76
tPHL
tPLH
Maximum
Propagation
Delay from
RCK to QA thru
QH
CL =50pF
CL =150pF
2V
70
175
220
265
ns
2V
105
245
306
368
CL =50pF
CL =150pF
4.5V
21
35
44
53
ns
4.5V
28
49
61
74
CL =50pF
6V
18
30
37
45
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com