Electronic Components Datasheet Search
  English  ▼

X  

FFM101 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # FFM101
Description  1.0A Surface Mount Fast Recovery Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

FFM101 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  FFM101 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd FFM101 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical data
Case : Molded plastic, S
MA
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.0
1gram
Maximum ratings
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Thermal resistance
Diode junction capacitance
Storage temperature
See Fig.2
8.3ms single half sine-wave superimposed on
rate load (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
R
èJA
C
J
T
STG
A
A
uA
OC/W
OC
pF
1.0
30
5.0
+175
-65
42
O
V
= V
T = 25 C
R
RRM
A
O
V
= V
T = 100 C
R
RRM
A
Junction to ambient
15
100
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Tiny plastic SMD package.
High current capability.
Fast switching for high efficiency.
High surge current capability.
Glass passivated chip junction.
Lead-free parts meet RoHS requirments.
FFM101
FFM102
FFM103
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage
*5 Reverse recovery time
V
F
(V)
*4
FFM104
FFM105
400
600
280
420
1.30
-55 to +150
FFM106
FFM107
800
1000
560
700
T
RR
(nS)
*5
150
250
500
50
100
200
400
600
800
1000
O
(C)
Operating
temperature
T,
J
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
FFM101 - FFM107
1.0A Surface Mount Fast Recovery Rectifiers
SMA/DO-214AC
0. 181( 4. 60)
0. 161( 4. 10)
0. 209( 5. 30)
0. 193( 4. 90)
0. 063(1.60)
0. 051(1.30)
0. 108( 2. 75)
0. 096( 2. 45)
Dimensions in inches and(millimeters)
0. 059( 1. 50)
0. 035( 0. 90)
0. 012(0.30)
0. 006(0.15)
0. 002(0.05)
0
.078(2.00)
0.096(2.45)
0.008(0.20)
TIGER ELECTRONIC CO.,LTD


Similar Part No. - FFM101

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM101 FORMOSA-FFM101 Datasheet
68Kb / 2P
Fast recovery type
logo
Leshan Radio Company
FFM101 LRC-FFM101 Datasheet
53Kb / 2P
1A FAST RECOVERY SMA DIODES
logo
Rectron Semiconductor
FFM101 RECTRON-FFM101 Datasheet
33Kb / 3P
SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Diotech Company.
FFM101 DIOTECH-FFM101 Datasheet
684Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM101 TAYCHIPST-FFM101 Datasheet
3Mb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FFM101

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
SMA4933 TAITRON-SMA4933 Datasheet
258Kb / 5P
1.0A Surface Mount Fast Recovery Rectifier
logo
Shenzhen Luguang Electr...
FM101 LUGUANG-FM101 Datasheet
184Kb / 2P
1.0A Surface Mount Fast Recovery Rectifiers
FM101 LUGUANG-FM101 Datasheet
152Kb / 2P
1.0A Surface Mount Fast Recovery Rectifiers
FM102 LUGUANG-FM102 Datasheet
152Kb / 2P
1.0A Surface Mount Fast Recovery Rectifiers
FM103 LUGUANG-FM103 Datasheet
152Kb / 2P
1.0A Surface Mount Fast Recovery Rectifiers
FM104 LUGUANG-FM104 Datasheet
152Kb / 2P
1.0A Surface Mount Fast Recovery Rectifiers
FM105 LUGUANG-FM105 Datasheet
152Kb / 2P
1.0A Surface Mount Fast Recovery Rectifiers
FM106 LUGUANG-FM106 Datasheet
152Kb / 2P
1.0A Surface Mount Fast Recovery Rectifiers
logo
PACELEADER INDUSTRIAL
PFFM101-M PACELEADER-PFFM101-M Datasheet
537Kb / 3P
1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
logo
Shenzhen Foster Semicon...
FFM101AG FOSTER-FFM101AG Datasheet
1Mb / 2P
1.0A Surface Mount Fast Recovery Rectifiers-50-1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com