Electronic Components Datasheet Search
  English  ▼

X  

Z2018 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # Z2018
Description  TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Z2018 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  Z2018 Datasheet HTML 1Page - List of Unclassifed Manufacturers Z2018 Datasheet HTML 2Page - List of Unclassifed Manufacturers Z2018 Datasheet HTML 3Page - List of Unclassifed Manufacturers Z2018 Datasheet HTML 4Page - List of Unclassifed Manufacturers Z2018 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
22
1013482_石塚プロダク_P02-33_四 11.2.22 13:55 ページ 23


Similar Part No. - Z2018

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201 Datasheet
160Kb / 1P
Ultra-Performance Aerospace and Instrumentation Resistor
09-Oct-02
Z201 VISHAY-Z201 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
Z201100R010.005 VISHAY-Z201100R010.005 Datasheet
160Kb / 1P
Ultra-Performance Aerospace and Instrumentation Resistor
09-Oct-02
Z201100R010.01 VISHAY-Z201100R010.01 Datasheet
160Kb / 1P
Ultra-Performance Aerospace and Instrumentation Resistor
09-Oct-02
Z20115K2310.005 VISHAY-Z20115K2310.005 Datasheet
160Kb / 1P
Ultra-Performance Aerospace and Instrumentation Resistor
09-Oct-02
More results

Similar Description - Z2018

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com