| Electronic Components Datasheet Search |
|
ZTP315 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ZTP315 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 4 page ![]() Application Considerations Specific Detectivity The NEP is convenient for predicting the maximum power a given system can detect, but it has some undesirable features: • A good thermopile detector will have a small NEP. • The thermopile detectors of different sizes will have different NEPs. So we cannot say, in general, what a good NEP should be, unless we specify the size of thermopile detector. Detectivity has been introduced to include device noise and sensitivity simultaneously. It is usually normalized with respect to detector size and noise bandwidth, and the resulting specific detectivity, D*, is defined by: A large D* is good, and for a given environment all good detectors should have almost the same D*. Noise The thermopile detector noise is another important factor determining the detector performance. There are many noise sources in a thermopile detector. A fundamental noise is caused by actual temperature fluctuations. A theoretical limit of thermopile sensitivity will be determined when this noise is at its minimum. In this thermopile detector, Johnson noise of these many noise sources is a predominant electrical noise source. Since the device impedance for a typical thermopile detector is mainly resistive, the Johnson noise for a detector having a device resistance R is: where B is the noise bandwidth. At low frequency, flicker noise originating from contacts or other sources may be dominants, and, depending upon the sensing materials, shot noise may also be involved. Typically, Johnson noise is the most important of these electrical noise sources for most thermopile detectors. Package Our thermopile detector is packaged with silicon filter and thermistor as shown below. We are supplying TO-5 package and TO-46 package as the standard type , but on request, other package types are also available. (1) Thermistor for the compensation of an environment temperature According to the variation of an environment temperature, the output of thermopile detector is also varying. It is therefore need to compensate this temperature performance of thermopile detector. Our thermopile detectors are using a thermistor for the compensation of an environment temperature, and we have also a variety of thermistors enough for pursuing customer`s need. (2) Windows Filter In order to improve the thermopile detector performance, it isalso a very important factor to select suitable filter for a given application. We are basically using a broadband-silicon filter of which the transmittance is 6-13um. But when there is an application for an optical system, the preparation of proper filter specifications is also of prime importance for the optimum performance. Therefore we are available for many typical infrared filters -not only a broad band pass filters (BBP) but also a narrow band pass filters (NBP). The following specifications will assist an engineer who designs the optical system. Detector Packaging |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |