Electronic Components Datasheet Search
  English  ▼

X  

T346014 Datasheet(PDF) 1 Page - E-SWITCH

Part # T346014
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T346014 Datasheet(HTML) 1 Page - E-SWITCH

  T346014 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
3004P6J1BLKM7RE
2:1
11/5/04
T346014
C
AR
1
1
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
ON
ON
ON
2-3, 5-6,
8-9, 11-2
2-3, 5-4,
8-9, 11-10
2-1, 5-4,
8-7, 11-10
P.C. MOUNTING
B
14620
REVISED AND REDRAWN
1/14/05
AR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4 VOLT-AMPS MAX. @20V MAX. AC OR DC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
E-SWITCH
MARKING ON
OPPOSITE SIDE
10
11
12
12
9
3.81
[.150 in]
16.87
[.664 in]
7.87
[.310 in]
7.59
[.299 in]
6
3
3.18
[.125 in]
2.54
[.100 in]
1.27
[.050 in]
4.80
[.189 in]
9.27
[.365 in]
14.35
[.565 in]
4.83
[.190 in]
14.35
[.565 in]
5.08
[.200 in]
n1.85
[.073 in]
5.08
[.200 in]
21.59
[.850 in]
1.27
[.050 in]
4.83
[.190 in]
3.81
[.150 in]
25
~
POS. 1
POS. 2
POS. 3
12.70
[.500 in]
.40
[.016 in]
4PDT 3 WAY CIRCUIT
NOTE: JUMPER PIN 3 TO 5, 9 TO 11
12
11
10
9
8
7
6
5
4
6
5
4
3
2
1
3
2
1
POS. 1
POS. 2
POS. 3
12
11
10
9
8
7
3
2
1
12
11
10
9
8
7
6
5
4
(IN)
(IN)
(IN)
(IN)
(IN)
(IN)
(OUT)
(OUT)
(OUT)
(OUT)
(OUT)
(OUT)
C
14800
CORRECT CIRCUIT AND FUNCTION
3/28/05
AR
C


Similar Part No. - T346014

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T346010 E-SWITCH-T346010 Datasheet
62Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T346011 E-SWITCH-T346011 Datasheet
57Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T346012 E-SWITCH-T346012 Datasheet
61Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T346013 E-SWITCH-T346013 Datasheet
71Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T346015 E-SWITCH-T346015 Datasheet
49Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T346014

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com