Electronic Components Datasheet Search
  English  ▼

X  

TMC60 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMC60
Description  37.5~64 Watts Medical & ITE AC/DC Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMC60 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMC60 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMC60 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMC60 Series
37.5~64 Watts Medical & ITE AC/DC Power Supplies
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
FEATURES
• 2" x 4" Footprint with 1.18" Low Profile
• Open PCB, L-Bracket & Cover Available
• 90~264 VAC Universal Input
• Single, Dual, or Triple Outputs
• Low Earth Leakage Current
• Level B Emissions
Input Voltage Range .............. 90~264 VAC
Input Frequency ..................... 47~63 Hz
Input Current .......................... 1.3A (rms) @ 100 VAC
0.7A (rms) @ 240 VAC
Inrush Current ....................... 30A @ 115 VAC or 60A @ 230 VAC,
at 25°C cold start
Earth Leakage Current .......... 150 µA max. @ 264 VAC, 63Hz
Output Power Ratings ........... See rating table
Tolerance ............................... See rating table
Ripple and Noise*
100 mVp-p on 3.3V & 5V models;
1% peak to peak on other models
NOTES:
1) Safety approvals are for PCB form only. To order L-bracket version, add suffix "B", e.g. TMC60-S12B. To order enclosed version, add suffix "C", e.g. TMC60-D23C.
2) Maximum current of output #1 for multi-output models can be 8A at 5 CFM forced air provided by user.
3) The maximum output power listed is convection rating.
4) 47.5W with 5 CFM forced air is provided by user.
5) The output voltages of a multiple output model may go outside of the listed tolerance when an output load current is beyond its limits.
.
o
N
t
c
u
d
o
r
P
1
#
T
U
P
T
U
O
2
#
T
U
P
T
U
O
3
#
T
U
P
T
U
O
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
]
3
[
e
g
a
t
l
o
V
.
n
i
M
t
n
e
r
r
u
C
t
n
e
r
r
u
C
.
x
a
M
n
o
i
t
c
e
v
n
o
C
@
.
x
a
M
t
n
e
r
r
u
C
M
F
C
5
@
]
2
[
.
l
o
T
e
g
a
t
l
o
V
.
n
i
M
t
n
e
r
r
u
C
.
x
a
M
t
n
e
r
r
u
C
.
l
o
T
e
g
a
t
l
o
V
.
n
i
M
t
n
e
r
r
u
C
.
x
a
M
t
n
e
r
r
u
C
.
l
o
T
5
0
S
-
0
6
C
M
T
V
5A
0A
1
1
–%
2
±
–
–
–
–
–
–
–
–W
5
5
2
1
S
-
0
6
C
M
T
V
2
1A
0A
5
–%
2
±
–
–
–
–
–
–
–
–W
0
6
5
1
S
-
0
6
C
M
T
V
5
1A
0A
3
.
4
–%
2
±
–
–
–
–
–
–
–
–W
4
6
4
2
S
-
0
6
C
M
T
V
4
2A
0A
7
.
2
–%
2
±
–
–
–
–
–
–
–
–W
4
6
8
4
S
-
0
6
C
M
T
V
8
4A
0A
5
3
.
1
–%
2
±
–
–
–
–
–
–
–
–W
4
6
3
2
D
-
0
6
C
M
T
V
5
+A
5
.
0A
6A
8%
3
±V
2
1
+A
1
.
0A
3%
5
±
–
–
–
–W
5
5
5
2
D
-
0
6
C
M
T
V
5
+A
5
.
0A
6A
8%
3
±V
4
2
+A
1
.
0A
5
.
1%
5
±
–
–
–
–W
5
5
1
3
T
-
0
6
C
M
T
V
5
+A
5
.
0A
6A
8%
3
±V
2
1
+A
1
.
0A
3%
5
±V
2
1
-A
0A
5
.
0%
4
±W
5
5
3
-
1
3
T
-
0
6
C
M
T
V
3
.
3
+A
8
.
0A
6A
8%
3
±V
2
.
5
+A
1
.
0A
3%
5
±V
2
1
+A
0A
5
.
0%
4
±W
5
.
7
3
5
-
1
3
T
-
0
6
C
M
T
V
5
+A
5
.
0A
6A
8%
3
±V
3
.
3
+A
0A
5
.
1%
5
±V
2
1
+A
0A
5
.
0%
4
±W
5
.
7
4
/
5
.
7
3
]
4
[
2
3
T
-
0
6
C
M
T
V
5
+A
5
.
0A
6A
8%
3
±V
5
1
+A
1
.
0A
4
.
2%
5
±V
5
1
-A
0A
5
.
0%
4
±W
5
5
9
3
T
-
0
6
C
M
T
V
5
+A
5
.
0A
6A
8%
3
±V
4
2
+A
1
.
0A
5
.
1%
5
±V
2
1
-A
0A
5
.
0%
4
±W
5
5
Overvoltage Protection .......... Provided on output #1 only;
set at 112-132% of its nominal
output voltage
Overcurrent Protection .......... All outputs protected to
short-circuit conditions
Temperature Coefficient ....... ±0.04%/°C max.
Transient Response ............. Max. excursion of 4% or better on
all models, recovering to 1% of
final value within 500 µs after a
25% step load change
INPUT & OUTPUT SPECIFICATIONS
* Measured with 20 MHz BW at rated line voltage and output load ranges, with a 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor across the output.
MODELS LIST


Similar Part No. - TMC60

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC60-D23 TRUMPOWER-TMC60-D23 Datasheet
123Kb / 2P
37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
TMC60-D25 TRUMPOWER-TMC60-D25 Datasheet
123Kb / 2P
37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
TMC60-S05 TRUMPOWER-TMC60-S05 Datasheet
123Kb / 2P
37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
TMC60-S12 TRUMPOWER-TMC60-S12 Datasheet
123Kb / 2P
37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
TMC60-S15 TRUMPOWER-TMC60-S15 Datasheet
123Kb / 2P
37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
More results

Similar Description - TMC60

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC60-S05 TRUMPOWER-TMC60-S05 Datasheet
123Kb / 2P
37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC400 TRUMPOWER-TMC400 Datasheet
192Kb / 2P
400 Watts AC/DC Medical & ITE Power Supplies
TWM65 TRUMPOWER-TWM65 Datasheet
88Kb / 2P
65W Medical & ITE Grade AC/DC Power Supplies
TM1100 TRUMPOWER-TM1100 Datasheet
274Kb / 2P
1100 Watts AC/DC Medical & ITE Grade Power Supplies
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
TMC300 TRUMPOWER-TMC300 Datasheet
367Kb / 3P
300 Watts AC/DC Medical and ITE Grade Power Supplies
TWM280 TRUMPOWER-TWM280 Datasheet
305Kb / 3P
280W Medical and ITE Grade AC/DC Power Supplies
logo
Arch Electronics Corp.
MSC60 ARCH-MSC60_18 Datasheet
163Kb / 3P
AC -DC ITE & Medical Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com