Electronic Components Datasheet Search
  English  ▼

X  

TMC200 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMC200
Description  200 Watts AC/DC Medical & ITE Power Supplies
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMC200 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMC200 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMC200 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TMC200 Series
200 Watts AC/DC Medical & ITE Power Supplies
#TMC200-2011-0727
MECHANICAL SPECIFICATIONS
R
O
T
C
E
N
N
O
C
N
I
P
N
O
I
T
C
N
U
F
1
P
1
D
N
U
O
R
G
C
A
2
D
I
O
V
3
E
V
I
L
4
D
I
O
V
5
L
A
R
T
U
E
N
2
P
1
V
+
T
U
P
T
U
O
2
3
4
N
R
U
T
E
R
N
O
M
M
O
C
5
6
3
P
1
V
2
1
+
N
A
F
2
N
R
U
T
E
R
N
O
M
M
O
C
4
P
1
E
S
N
E
S
-
2
E
S
N
E
S
+
3
D
F
P
4
T
I
B
I
H
N
I
5
N
R
U
T
E
R
N
O
M
M
O
C
NOTES:
1. Dimensions: inches [mm]
2. Tolerance: 0.02 [0.5] maximum
3. Input connector P1: Molex header 09-65-2058 or equivalent, mating with Molex housing 09-50-1051 or equivalent.
4. Outpur connector P2: Molex header 09-65-2068 or equivalent, mating with Molex housing 09-50-1061 or equivalent.
5. Fan connectors P3: Molex header 53048-0210 or equivalent, mating with Molex housing 51021-0200 or equivalent.
6. Connector P4: Molex header 22-05-7055 or equivalent, matiing with Molex housing 50-37-5053 or equivalent.
7. Weight: 390g (0.86 lbs.) approx. for U-bracket form, 440g (0.97 lbs.) approx. for enclosed form.
8. Fixing of units to end equipment is through standoffs and the four mounting holes in PCB.
9. Ground tab is 0.25 [6.35] × 0.032 [0.8] fast-on connector.
U-Bracket Format
Enclosed Format
S
L
A
N
G
I
S
L
O
R
T
N
O
C
D
F
P
,
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
r
o
f
h
g
i
h
L
T
T
,
r
e
w
o
p
t
u
p
n
i
f
o
s
s
o
l
n
o
p
u
w
o
l
,
s
m
0
0
0
1
-
0
0
1
e
m
i
t
y
a
l
e
d
n
o
-
n
r
u
t
m
u
m
i
n
i
m
s
m
1
e
m
i
t
y
a
l
e
d
f
f
o
-
n
r
u
t
T
I
B
I
H
N
I
t
u
p
t
u
o
f
f
o
n
r
u
t
o
t
h
g
i
h
L
T
T
CONNECTORS & SIGNALS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com