Electronic Components Datasheet Search
  English  ▼

X  

TMP220 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP220
Description  200-220 Watts Medical & ITE Power Adapters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP220 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP220 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP220 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMP220 Series
200-220 Watts Medical & ITE Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
INPUT SPECIFICATIONS
Input Voltage Range ............... 90~264 VAC
Input Frequency ...................... 47~63Hz
Input Current ........................... 3.0A rms @ 115 VAC
................................................ 1.5A rms @ 230 VAC
Touch Current ......................... 100µA max. @ 264 VAC, 60Hz
Earth Leakage Current ........... 300µA max. @ 264 VAC, 60Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ............ See table
Tolerance ................................ ±5%
Ripple and Noise* .................. 280mV peak to peak max.
Overvoltage Protection ........... Set at 110-130% of its nominal
output voltage
Overcurrent Protection ........... Protected 110-120% of full load
................................................ conditions
Transient Response .............. +4% max. excursion, Recovering
to 1% of final value within 500µs
after a 25% load change
* Measured with 20MHz bandwidth at rated line voltage and output load ranges, with
a 47µF electrolytic capacitor in parallel with a 0.1µF ceramic capacitor across the
output.
GENERAL SPECIFICATIONS
Power Factor .......................... 0.95 typical
Efficiency ................................ 87% min. at 100 VAC or 240 VAC
Hold-up Time .......................... 12ms min. at 100 VAC
Turn-on Delay Time ................ 3 sec. max. at 100 VAC
Line Regulation ...................... ±0.5% max. at full load
Operating Temperature ......... 0°C to +40°C
Storage Temperature ............. -20°C to +80°C
Relative Humidity ................... 10% to 90% non-condensing
Withstand Voltage .................. 4000 VAC from input to output,
................................................ 1500 VAC from input to ground
MTBF ....................................... 125K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
FEATURES
• Class I (C14 Inlet) & Calss II (C8 Inlet)
• 0.95 Active Power Factor
• 87% Minimum Efficiency
• Medical & ITE Dual Approvals
• Short-Circuit, OVP, OLP, and OTP Protections
• Standby Power Consumption < 0.5W
• CEC & Energy Star Level V Compliance
• 100% Burn-In at Full Rated Load
STANDARDS & COMPLIANCES
IEC/EN 61000-1-2 ................. EMC & Immunity Performance
EN 55011, EN 55022 ............ Class B, conducted & radiated
FCC, VCCI ............................. Class B, conducted & radiated
EN 61000-3-2 ........................ Harmonic distortion, Class A & D
EN 61000-3-3 ........................ Line flicker
EN 61000-4-2 ........................ ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 ........................ Radiated immunity, 3V/m
EN 61000-4-4 ........................ Fast transient/burst, ±2 KV
EN 61000-4-5 ........................ Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 ........................ Conducted immunity, 3 Vrms
EN 61000-4-8 ........................ Magnetic field immunity, 3A/m
EN 61000-4-11 ...................... Voltage dips,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ................... IEC/EN/UL 60601-1 3rd Ed.
............................................... ANSI/AAMI ES 60601-1:2005,
............................................... CSA C22.2 No. 60601-1:08,
............................................... IEC/EN 60950-1 2nd Ed.
Agency Approvals .................. UL, cUL, TUV, CE, CB
Other Compliances .............. RoHS, CEC & Energy Star Level V
MODELS LIST
Note:
1) Class I models are equipped with IEC320/C14 AC inlet.
2) Class II models are equipped with IEC320/C8 AC inlet.
.
o
N
t
c
u
d
o
r
P
s
s
a
l
C
t
u
p
t
u
O
e
g
a
t
l
o
V
m
u
m
i
x
a
M
d
a
o
L
m
u
m
i
x
a
M
r
e
w
o
P
t
u
p
t
u
O
9
1
-
0
2
2
P
M
T
I
V
9
1A
3
5
.
0
1W
0
0
2
4
2
-
0
2
2
P
M
T
I
V
4
2A
7
1
.
9W
0
2
2
8
2
-
0
2
2
P
M
T
I
V
8
2A
6
8
.
7W
0
2
2
2
C
-
9
1
-
0
2
2
P
M
T
I
I
V
9
1A
3
5
.
0
1W
0
0
2
2
C
-
4
2
-
0
2
2
P
M
T
I
I
V
4
2A
7
1
.
9W
0
2
2
2
C
-
8
2
-
0
2
2
P
M
T
I
I
V
8
2A
6
8
.
7W
0
2
2


Similar Part No. - TMP220

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP20 TI1-TMP20 Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20 TI2-TMP20 Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
TMP20AIDCKR TI1-TMP20AIDCKR Datasheet
966Kb / 18P
짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20AIDCKR TI2-TMP20AIDCKR Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
TMP20AIDCKR.A TI2-TMP20AIDCKR.A Datasheet
915Kb / 28P
TMP20 ±2.5°C Low-Power, Analog Out Temperature Sensor
REVISED DECEMBER 2018
More results

Similar Description - TMP220

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
90 WATTS MEDICAL POWER ADAPTERS
TMC100 TRUMPOWER-TMC100 Datasheet
77Kb / 2P
100 Watts Medical & ITE Switching Power Supplies
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
65 Watts Medical Grade Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
90 Watts Medical Grade Power Adapters
TMP105 TRUMPOWER-TMP105 Datasheet
161Kb / 2P
90-105 Watts Medical & ITE Power Adapters
TMP135 TRUMPOWER-TMP135 Datasheet
107Kb / 2P
120-135 Watts Medical & ITE Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
400 Watts Medical & ITE Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
30 Watts Medical Power Adapters
TMA300 TRUMPOWER-TMA300 Datasheet
183Kb / 1P
Medical and ITE Grade 300W AC/DC Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com