Electronic Components Datasheet Search
  English  ▼

X  

TMPC400-72 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMPC400-72
Description  400W Medical ATX PC Power Supply with Low Leakage
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMPC400-72 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMPC400-72 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TMPC400-72
400W Medical ATX PC Power Supply with Low Leakage
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT SPECIFICATIONS
Input Voltage Range ............................. 90~265 VAC
Input Frequency .................................... 47~63Hz
Input Current ......................................... 8A @ 115 VAC
4A @ 230 VAC
Leakage Current ................................... 90µA max. @264 VAC
OUTPUT SPECIFICATIONS
Output Power Ratings .......................... See Rating Chart
Load Regulation ................................... See Rating Chart
Ripple & Noise ...................................... See Rating Chart
Hold-up Time ........................................ 20ms @ 115VAC/60Hz,
20ms @ 230VAC/50Hz
Overvoltage Protection, +3.3V ............. +3.7V to +4.5V
+5V ................ +5.7V to +6.5V
+12V .............. +13.3V to +15.6V
Short-circuit Protection ......................... On all outputs
FEATURES
• 90-265 VAC Universal Input With Active PFC
• Meets ATX12V & EPS12V Standards
• Low Leakage Current
• Line Input Fuse Protection
• Long Life Ball-bearing Fan With Noise-killer
• Active PFC Meets EN61000-3-2 Standard
GENERAL SPECIFICATIONS
Efficiency ............................ 68% at full load
Operating Temperature ...... 0°C to +50°C
Storage Temperature ......... -20°C to +80°C
Relative Humidity ............... 5% to 95% non-condensing
MTBF ................................. 200K hours mininum at full load &
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
Emissions ..................... EN 55011, Class B conducted & radiated
Immunity ....................... EN 61000-3-2, EN 60601-1-2
Safety Standards .......... UL 60601-1, IEC 60601-1 & EN 60601-1
Agency Approvals ......... UL, TUV, CB, CE
Other Compliance ......... RoHS
T
R
A
H
C
G
N
I
T
A
R
T
N
E
R
R
U
C
&
E
G
A
T
L
O
V
T
U
P
T
U
O
t
u
t
p
u
O
C
D
e
g
a
t
l
o
V
m
u
m
i
n
i
M
d
a
o
L
m
u
m
i
x
a
M
*
d
a
o
L
d
a
o
L
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
P
-
P
.
x
a
M
V
3
.
3
+A
5
.
0A
0
3%
5
±V
m
0
5
V
5
+A
3
.
0A
0
3%
5
±V
m
0
5
V
2
1
+
1
A
1A
7
1%
5
±V
m
0
2
1
V
2
1
+
2
A
1A
7
1%
5
±V
m
0
2
1
V
2
1
-A
0A
8
.
0%
0
1
±V
m
0
2
1
b
s
V
5
+A
0A
2%
5
±V
m
0
5
V
5
-A
0A
3
.
0%
0
1
±V
m
0
0
1
.
m
u
m
i
x
a
m
W
0
0
4
s
i
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
o
e
h
T
*
.
m
u
m
i
x
a
m
W
0
8
1
s
i
V
5
+
&
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
.
m
u
m
i
x
a
m
W
0
8
3
:
V
2
1
+
&
V
5
+
,
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
#TMPC40072-2011-0727
MECHANICAL SPECIFICATIONS
*TYPICAL OUTPUT CABLESET
*Custom output cablesets available


Similar Part No. - TMPC400-72

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-180-1U TRUMPOWER-TMPC-180-1U Datasheet
67Kb / 1P
180W PC Power Supply for 1U Application
TMPC-220-1U TRUMPOWER-TMPC-220-1U Datasheet
481Kb / 2P
1U 220W Medical Grade ATX PC Power Supply
TMPC-250-1U TRUMPOWER-TMPC-250-1U Datasheet
336Kb / 2P
1U 250W Medical Grade ATX PC Power Supply
TMPC-300 TRUMPOWER-TMPC-300 Datasheet
35Kb / 1P
300W ATX PC Power Supply
TMPC-300-1U TRUMPOWER-TMPC-300-1U Datasheet
27Kb / 1P
300W PC Power Supply for 1U Installation
More results

Similar Description - TMPC400-72

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-400 TRUMPOWER-TMPC-400 Datasheet
29Kb / 1P
400W ATX PC Power Supply
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Tumbler Technologies + ...
TMPC-220-1U TRUMPOWER-TMPC-220-1U Datasheet
481Kb / 2P
1U 220W Medical Grade ATX PC Power Supply
TMPC-250-1U TRUMPOWER-TMPC-250-1U Datasheet
336Kb / 2P
1U 250W Medical Grade ATX PC Power Supply
TMPC-600 TRUMPOWER-TMPC-600 Datasheet
246Kb / 1P
Medical Grade 600W ATX PC Power Supply
TMPC-700 TRUMPOWER-TMPC-700 Datasheet
247Kb / 1P
Medical Grade 700W ATX PC Power Supply
TMPC-400H TRUMPOWER-TMPC-400H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 400W ATX Power Supply
TIPC400-24 TRUMPOWER-TIPC400-24 Datasheet
174Kb / 1P
400W ATX PC Power Supply with 24V Output
logo
Delta Electronics, Inc.
MDS-350AD701AA DELTA-MDS-350AD701AA Datasheet
706Kb / 10P
Medical ATX Power Supply
logo
Advantech Co., Ltd.
96PS-A400WFX-2 ADVANTECH-96PS-A400WFX-2 Datasheet
414Kb / 2P
400W Flex ATX Power Supply
27-Jun-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com