Electronic Components Datasheet Search
  English  ▼

X  

TMPC-650U Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMPC-650U
Description  UPS-Ready Medical Grade 650W ATX Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMPC-650U Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMPC-650U Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMPC-650U Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMPC-650U
UPS-Ready Medical Grade 650W ATX Power Supply
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
FEATURES
• 90-264 VAC Input
• Built-in 24V Lead-Acid Battery Charger
• UPS-Ready, Power Management Software Included
• Active PFC meets EN 61000-3-2 Standard
• CB Test Report per IEC/EN 60601-1 3rd Edition
• Medically Approved to UL ES60601-1 & CSA 60601-1:2008
STANDARDS & COMPLIANCES
IEC/EN 60601-1-2 ............. EMC & Immunity Performance
EN 55011 ........................... Class B conducted, Class A radiated
FCC / VCCI ........................ Class B conducted, Class A radiated
EN 61000-3-2 .................... Harmonic distortion, Class D
EN 61000-3-3 .................... Line flicker
EN 61000-4-2 .................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 .................... Radiated immunity, 3 V/m
EN 61000-4-4 .................... Fast transient/burst, ±2 KV
EN 61000-4-5 .................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 .................... Conducted immunity, 3 Vrms
EN 61000-4-8 .................... Magnetic field immunity, 3 A/m
EN 61000-4-11 ................... Voltage dip immunity, 30% reduction
........................................... for 500ms, 60% reduction for 100ms
........................................... and >95% reduction for 10ms
Safety Standards ............... UL ES60601-1, CSA 60601-1:2008,
IEC/EN 60601-1 3rd edition
Agency Approvals .............. UL, cUL, CB (report)
Other Compliance .............. RoHS
T
R
A
H
C
G
N
I
T
A
R
T
N
E
R
R
U
C
&
E
G
A
T
L
O
V
T
U
P
T
U
O
t
u
t
p
u
O
e
g
a
t
l
o
V
m
u
m
i
n
i
M
d
a
o
L
m
u
m
i
x
a
M
*
d
a
o
L
d
a
o
L
n
o
i
t
a
l
u
g
e
R
e
s
i
o
N
&
e
l
p
p
i
R
V P
-
P
.
x
a
M
V
3
.
3
+A
5
.
0A
4
2%
5
±V
m
0
5
V
5
+A
3
.
0A
4
2%
5
±V
m
0
5
V
2
1
+
1
A
1A
6
1%
5
±V
m
0
2
1
V
2
1
+
2
A
1A
6
1%
5
±V
m
0
2
1
V
2
1
+
3
A
1A
6
1%
5
±V
m
0
2
1
V
2
1
+
4
A
1A
6
1%
5
±V
m
0
2
1
V
2
1
-A
0A
5
.
0%
0
1
±V
m
0
2
1
b
s
V
5
+A
0A
3%
5
±V
m
0
5
.
m
u
m
i
x
a
m
W
0
5
6
s
i
r
e
g
r
a
h
c
y
r
e
t
t
a
b
h
t
i
w
r
e
w
o
p
t
u
p
t
u
o
ll
a
r
e
v
o
e
h
T
*
.
m
u
m
i
x
a
m
W
0
5
1
s
i
V
5
+
&
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
V
2
1
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
1
V
2
1
+
,
2
V
2
1
+
,
3
V
2
1
+
&
4
.
m
u
m
i
x
a
m
W
0
0
6
s
i
.
W
0
0
6
s
i
V
2
1
+
d
n
a
,
V
5
+
,
V
3
.
3
+
r
o
f
r
e
w
o
p
t
u
p
t
u
o
l
a
t
o
t
e
h
T
*
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~264 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 10A rms max. @ 100 VAC, 60Hz
5A rms max. @ 230 VAC, 50Hz
Inrush Current ...................... 23.6A @ 115 VAC, 53A @ 230
............................................. VAC, at 25°C cold start
Earth Leakage Current ........ 300µA max. @ 264 VAC, 63Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ................ See rating chart
Load Regulation ......................... See rating chart
Line Regulation ........................... ±1% max. @ full load
Ripple & Noise* .......................... See rating chart
Hold-up Time .............................. 17ms min. @ 115/230 VAC
Switching Frequency .................. 70 KHz ±10 KHz
Overvoltage Protection ............... 3.76~4.3V for +3.3V
5.74~7.0V for +5V
13.4~15.6V for +12V
Overcurrent Protection ............... 32A max. for +3.3V
32A max. for +5V
24A max. for +12V
Short-Circuit Protection .............. All outputs protected to output
.................................................... rail shorted to return conditions
Thermal Protection ..................... Shutdown and latch off
Backup Battery (Not Included) ... 24V lead-acid type
Charge Current ........................... Constant voltage and current
.................................................... charge 2.5A max.
* Measured with 20MHz bandwidth at rated line voltage and output load ranges,
with a 47µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor in
parallel across the output.
GENERAL SPECIFICATIONS
Efficiency ............................ 78% min. @ full load
Power Factor ..................... >0.9 typ. @ full load
Operating Temperature ...... 0°C to +70°C
Derating ............................. Derate from 100% @ +50°C linearly
to 50% @ +70°C
Storage Temperature ......... -20°C to +85°C
Relative Humidity ............... 10% to 95% non-condensing
Withstand Voltage .............. 4,000 VAC from input to output
........................................... 1,500 VAC from input to ground
MTBF ................................. 194,206 hours mininum at full load &
25°C ambient, calculated per
Bellcore/Telcordia SR-332


Similar Part No. - TMPC-650U

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMPC-600 TRUMPOWER-TMPC-600 Datasheet
246Kb / 1P
Medical Grade 600W ATX PC Power Supply
More results

Similar Description - TMPC-650U

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP220-60MPC SPI-FSP220-60MPC Datasheet
470Kb / 1P
220 Watts FLEX ATX Medical Grade Power Supply
FSP250-60MPC SPI-FSP250-60MPC Datasheet
417Kb / 1P
250 Watts FLEX ATX Medical Grade Power Supply
logo
Tumbler Technologies + ...
TMPC-220-1U TRUMPOWER-TMPC-220-1U Datasheet
481Kb / 2P
1U 220W Medical Grade ATX PC Power Supply
TMPC-250-1U TRUMPOWER-TMPC-250-1U Datasheet
336Kb / 2P
1U 250W Medical Grade ATX PC Power Supply
TMPC-600 TRUMPOWER-TMPC-600 Datasheet
246Kb / 1P
Medical Grade 600W ATX PC Power Supply
TMPC-700 TRUMPOWER-TMPC-700 Datasheet
247Kb / 1P
Medical Grade 700W ATX PC Power Supply
TMPC-400H TRUMPOWER-TMPC-400H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 400W ATX Power Supply
TMPC-500H TRUMPOWER-TMPC-500H Datasheet
217Kb / 2P
Haswell Ready Medical Grade 500W ATX Power Supply
logo
Delta Electronics, Inc.
MDS-350AD701 DELTA-MDS-350AD701 Datasheet
706Kb / 10P
Medical ATX Power Supply
MDS-350AD701AA DELTA-MDS-350AD701AA Datasheet
706Kb / 10P
Medical ATX Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com