Electronic Components Datasheet Search
  English  ▼

X  

TMW7 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMW7
Description  4~7W Medical Wall Mount Adapters with USB Charger
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMW7 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMW7 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TMW7 Series
4~7W Medical Wall Mount Adapters with USB Charger
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
#TMW7-2012-0312
ELECTRICAL SPECIFICATIONS
Input Voltage ................................ 90~264 VAC
Input Frequency ........................... 47~63 Hz
Input Current ................................ 0.2A max.
Output Ratings ............................ See table
Efficiency ..................................... 67% min. at full load
Standby Power ............................ 0.3W max. at no load
Voltage Regulation ...................... ±5% max.
Leakage Current ......................... 0.1mA max. for Class II
Operating Temperature .............. -10°C to +50°C
Derating ....................................... Derate linearly from 100%
load @ 40°C to 75% @ 50°C
Storage Temperature .................. -20°C to +85°C
Operating Humidity ..................... 20% to 90% RH
Protections .................................. OVP, OLP, Short-Circuit
Withstand Voltage ....................... 5,656VDC from input to output
Output Connector ........................ 1.5M DC cable with barrel plug
or USB socket on case
STANDARDS & COMPLIANCES
Safety Standards ......................... UL 60601-1, IEC/EN60601-1
3rd edition
Agency Approvals ........................ UL, cUL, TUV, CB, CE
EMC Standards ........................... CISPR-II, EN55011,
FCC part 18, Class B
Other Standards .......................... CEC level V, ErP step 2, RoHS
FEATURES
• 90~264 VAC Universal Input
• Class II Insulation
• 3~28VDC Output Voltage
• Interchangeable Plugs Available
• USB Socket Available for 5V Output Only
MODELS LIST
.
o
N
t
c
u
d
o
r
P
e
g
a
t
l
o
V
t
u
p
t
u
O
t
n
e
r
r
u
C
t
u
p
t
u
O
e
c
n
a
r
e
l
o
T
t
u
p
t
u
O
.
x
a
M
r
e
w
o
P
X
-
3
-
7
W
M
T
V
5
.
4
~
3A
8
8
.
0
~
3
3
.
1%
7
±W
4
X
-
5
-
7
W
M
T
V
9
.
5
~
5
.
4A
1
0
.
1
~
3
3
.
1%
5
±W
6
X
-
7
-
7
W
M
T
V
0
.
8
~
9
.
5A
5
7
.
0
~
1
0
.
1%
5
±W
6
X
-
9
-
7
W
M
T
V
8
.
0
1
~
0
.
8A
6
.
0
~
1
8
.
0%
5
±W
5
.
6
X
-
2
1
-
7
W
M
T
V
5
.
4
1
~
8
.
0
1A
4
4
.
0
~
6
.
0%
5
±W
5
.
6
X
-
5
1
-
7
W
M
T
V
0
2
~
5
.
4
1A
5
3
.
0
~
8
4
.
0%
3
±W
7
X
-
4
2
-
7
W
M
T
V
8
2
~
0
2A
5
2
.
0
~
5
3
.
0%
3
±W
7
Note: X = AC plug code. See the tables and drawings below for details.
Ordering Information
1. Specify the output voltage and AC plug code when ordering, e.g. TMW7-14-U
for 14V, US plug with DC cable type.
2. Add suffix “P” to order units with a built-in USB socket, e.g. TMW7-5-EP.
3. For interchangeable plug orders, at least one interchangable plug must be
ordered together with the "main body" (X=I), e.g. TMW7-12-I for 12V output main
body, TRM-IPE for EU type interchangeable plug.
4. Standard color is black. Add suffix "W" for white version, e.g. TMW7-5-UPW.
X
g
u
l
P
t
n
u
o
M
l
l
a
W
d
e
x
i
F
U
g
u
l
P
a
n
i
h
C
/
S
U
A
g
u
l
P
n
a
il
a
r
t
s
u
A
E
g
u
l
P
U
E
B
g
u
l
P
h
s
i
t
i
r
B
I
y
l
n
o
y
d
o
B
n
i
a
M
)
s
g
u
l
p
e
l
b
a
e
g
n
a
h
c
r
e
t
n
I
r
o
f
(
.
o
N
t
r
a
P
g
u
l
P
e
l
b
a
g
n
a
h
c
r
e
t
n
I
U
P
I
-
M
R
T
g
u
l
P
a
n
i
h
C
/
S
U
A
P
I
-
M
R
T
g
u
l
P
n
a
il
a
r
t
s
u
A
E
P
I
-
M
R
T
g
u
l
P
U
E
B
P
I
-
M
R
T
g
u
l
P
h
s
i
t
i
r
B
e
t
o
Ns
g
u
l
p
e
l
b
a
e
g
n
a
h
c
r
e
t
n
i
r
o
f
e
r
a
s
N
/
P
e
v
o
b
a
e
h
T
:
.
y
d
o
b
n
i
a
m
e
h
t
t
u
o
h
t
i
w
y
l
n
o
MECHANICAL SPECIFICATIONS (Unit: mm)
Fixed AC Plug with DC Output Cable
Fixed AC Plug with USB DC Socket
27.8± 0.5
42.0± 0.5
28.1± 0.5
42± 0.5
Main Body for Interchangeable Plugs
TRM-IPA
TRM-IPB
TRM-IPU
TRM-IPE
Interchangeable Plugs
36 ± 0.5
42 ± 0.5
34 ± 0.5
36 ± 0.5
DC Cable Type
USB Socket Type
US Plug
EU Plug
US Plug
EU Plug
Australian Plug
British Plug
Australian Plug
British Plug


Similar Part No. - TMW7

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMW7-12-X TRUMPOWER-TMW7-12-X Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
TMW7-15-X TRUMPOWER-TMW7-15-X Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
TMW7-24-X TRUMPOWER-TMW7-24-X Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
TMW7-3-X TRUMPOWER-TMW7-3-X Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
TMW7-5-X TRUMPOWER-TMW7-5-X Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
More results

Similar Description - TMW7

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
W3-05-10 TRUMPOWER-W3-05-10 Datasheet
33Kb / 1P
10 & 18 Watts Wall Mount Adapters
logo
Diodes Incorporated
API9221 DIODES-API9221 Datasheet
295Kb / 17P
Car/Wall or USB Supply Input Lithium Battery Charger with OVP USB
DS32204 Rev. 1 - 2
logo
Tumbler Technologies + ...
TVW7 TRUMPOWER-TVW7 Datasheet
128Kb / 1P
5~7 Watts Wall Mount Adapters with USB Charger
TWM15 TRUMPOWER-TWM15 Datasheet
161Kb / 2P
Medical Grade 15W Wall Mount Power Adapters
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
10 & 18 Watts Wall Mount Adapters
TMW7 TRUMPOWER-TMW7_16 Datasheet
228Kb / 1P
4~7W Medical Wall Mount Adapters with USB Charger
TXM25 TRUMPOWER-TXM25_16 Datasheet
239Kb / 2P
Medical Grade 25W Wall Mount Power Adapters
logo
IOGEAR
GPAW2U4 IOGEAR-GPAW2U4 Datasheet
136Kb / 3P
GearPower Dual USB 4.2A (20W) Wall Charger
logo
Lite-On Technology Corp...
PA-1200-10MV LITEON-PA-1200-10MV Datasheet
263Kb / 3P
PD Charger Wall Mount Series
PA-1650-67PW LITEON-PA-1650-67PW Datasheet
277Kb / 3P
PD Charger Wall Mount Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com