Electronic Components Datasheet Search
  English  ▼

X  

TRM60 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TRM60
Description  30-60W Medical Power Adapters
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TRM60 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TRM60 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Drawing: (mm)
Mechanical Drawing: (mm)
Vo nom.
Io max.
Reg. Max.
Vo nom.
Io min.
Io max.
Reg. Max.
TRM60-D01-X
+3.3V
0.2A
6A
±7%
+5V
0.2A
6A
± 5%
30W
TRM60-D03-X
+3.3V
0.2A
6A
± 7%
+12V
0.1A
4A
± 5%
50W
TRM60-D07-X
+3.3V
0.2A
6A
± 7%
+24V
0.1A
2A
± 5%
50W
TRM60-D13-X
+5V
0.2A
6A
± 5%
+12V
0.1A
4A
± 5%
55W
TRM60-D15-X
+5V
0.2A
6A
±5%
+15V
0.1A
3A
± 5%
55W
TRM60-D17-X
+5V
0.2A
6A
± 5%
+24V
0.1A
2A
± 5%
55W
Output #1
Output #2
Maximum
Output
Power
*Product No.
1.0
1200
30
±
120±20
PE BAG
TIE
TIE
0.5~0.65
4-
2.5
φ
C5.0
74
0.2
±
139.5
0.3
±
14
40
35.5
*On multiple output models, each output can load to it’s max. current with the total power limited to the maximum allowable output power.
*AC inlet code: X=4 for IEC320/C14, X=6 for IEC320/C6 (3 round pins).
Io min.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616 • Fax: 408-988-6622 • email: sales@trumpower.com • Website: www.TRUMPower.com
FEATURES
SPECIFICATIONS
Input Voltage……......................................................90-264VAC
Input Frequency.............................................................47-63Hz
Inrush Current…..........20A at 115VAC, 40A at 230VAC, cold start
Efficiency…....................................70% min. for output = 3~11V
>=85% on CEC compliant models
Standby Power.......< 0.5W @ no load on CEC compliant models
Leakage Current..................................................…. 0.1mA Max.
Operating Temperature...0~60ºC; derate linearly from 100% load
at 40ºC to 50% load at 60ºC
Safety Approvals....UL/cUL (UL 60601-1), TUV (EN 60601-1), CE
EMI Standards…………...........................FCC Part 18 class B,
CISPR-11 EN55011 class B emission limits
TRM60 Series
• 90 to 264VAC univesal input
• Medically approved
• Internal EMI filter
• Single and dual outputs
• Output voltage available from 3 VDC thru 50 VDC
• Short-circuit, OVP and OLP protections
• Desktop style with class I insulation
30-60W Medical Power Adapters
TRUMPower
MODEL LIST
EN 60601-1
IEC 60601-1
*Product No.
Output
Current
Total
Regulation
Output
Power
*CEC
TRM60-S03-X
3~5V
13.33~8A
± 5%
35W
TRM60-S05-X
5~6V
9~7.5A
±5%
45W
TRM60-S07-X
6~8V
8.33~6.25A
± 5%
50W
TRM60-S09-X
8~11V
6.25~4.54A
± 5%
50W
TRM60-S12-X
11~13V
5.45~4.61A
± 5%
60W
TRM60-S15-X
13~16V
4.61~3.75A
± 3%
60W
TRM60-S18-X
16~21V
3.75~2.85A
± 3%
60W
TRM60-S24-X
21~27V
2.85~2.5A
± 2%
60W
TRM60-S48-X
40~50V
1.5~1.2A
± 2%
60W
V
*Output
Voltage
*Specify output voltage when ordering, e.g. TRM60-S19 for 19V output.
*Add suffix “G” for CEC compliant models, e.g. TRM60-S12G.
*AC inlet code: X=4 for IEC320/C14, X=6 for IEC320/C6 (3 round pin).


Similar Part No. - TRM60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
TRM6 CRYDOM-TRM6 Datasheet
521Kb / 3P
Panel Mount
TRM6 CRYDOM-TRM6 Datasheet
453Kb / 3P
Copper Lug Terminal
logo
Mersen
TRM6 MERSEN-TRM6 Datasheet
96Kb / 1P
Time-Delay Midget Fuses
logo
Sensata Technologies, I...
TRM6 SENSATA-TRM6 Datasheet
620Kb / 7P
POWERPLUS DC SERIES | 100 VDC
07/09/2024 Rev. B
logo
Mersen
TRM6-1/4 MERSEN-TRM6-1/4 Datasheet
96Kb / 1P
Time-Delay Midget Fuses
More results

Similar Description - TRM60

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
30 WATT MEDICAL POWER ADAPTERS
TMP55 TRUMPOWER-TMP55 Datasheet
153Kb / 2P
55 WATT MEDICAL POWER ADAPTERS
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
30-60 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
TAM30 TRUMPOWER-TAM30 Datasheet
177Kb / 2P
30 Watts Medical Grade AC/DC Power Adapters
TMA200 TRUMPOWER-TMA200 Datasheet
145Kb / 1P
200W Medical Power Adapters
TMA250 TRUMPOWER-TMA250 Datasheet
136Kb / 1P
250W Medical Power Adapters
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
180 WATT MEDICAL POWER ADAPTERS
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
30 Watts Medical Power Adapters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com