Electronic Components Datasheet Search
  English  ▼

X  

QT60240 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # QT60240
Description  16 AND 24 KEY QMATRIX TOUCH SENSOR ICs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

QT60240 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button QT60240 Datasheet HTML 17Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 18Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 19Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 20Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 21Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 22Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 23Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 24Page - List of Unclassifed Manufacturers QT60240 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
6.16 Setups Block
Table 6.1 Setups Table
Setups data is sent from the host to the QT using the I 2C interface. The setups block is memory mapped onto this interface. Thus each setup can be accessed by
reading/writing the appropriate address. Setups can be accessed individually or as a block. Before writing to any setup, an unlock code (value 0x55) must be written to the
setups write unlock address (130). Refer also to Table 6.2, page 22 for further details, and all of Section 6.
20
Range is in 100ms increments; 0 = disable, 1 = 100ms, default = 1s
10
24
8
0...255
DHT
Drift Hold Time
1
253
8
20
Range is in 100ms increments; 1 = 100ms. Default = 2.5s. 0 is illegal to use
25
24
8
1...255
AWAKE
Awake Timeout
1
252
7
20
19
Bits 2,1,0 = Sleep Duration, 8 values via LUT, default = 125ms
Bits 6 = Mains sync, negative edge, 1 = enabled, default = off
3
0
24
24
3
1
SLEEP = 0...7
MSYNC = 0,1
SLEEP
MSYNC
Sleep Duration
Mains Sync
1
251
6
20
19
19
19
Bit 3 = WAKE, 1 - enabled
Bits 5, 4 = BL, via LUT (Table 6.2 page 22), default = 48
Bit 6 = AKS, 1 - enabled
Bit 7 = Scope sync, 1 = enabled
1
2
0
0
1
1
1
1
1
2
1
1
WAKE = 0,1
BL = 0...3
AKS = 0,1
SSYNC = 0,1
WAKE
BL
AKS
SSYNC
Wake On Touch
Burst Length
AKS
Scope Sync
24
227...250
5
18
Range is in 0.5 sec increments; 0 = infinite, default = 10s
Range is {infinite, 0.5...127s}; 255 is illegal to use
20
1
8
0...254
NRD
Neg recal delay
24
203...226
4
18
Lower nibble = Normal DI Limit, values same as operand (0 = disabled burst)
For QT60160, only the first 16 locations are set to 2, the last eight are set to 0
Upper nibble = Fast DI Limit, values same as operand (0 does not work)
2
5
1
1
4
4
NDIL = 0...15
FDIL = 0...15
NDIL
FDIL
Normal DI Limit
Fast DI Limit
24
179...202
3
17
Upper nibble = Pos Drift comp - via LUT (Table 6.2, page 22)
4
1
4
PDRIFT = 0...15
PDRIFT
Pos Drift Comp
24
155...178
2
17
17
Lower nibble = Neg Threshold - take operand and add 4 to get value
Upper nibble = Neg Drift comp - via Lookup Table (LUT) (Table 6.2, page 22)
6
10
1
1
4
4
NTHR = 0...15
NDRIFT = 0...15
NTHR
NDRIFT
Neg thresh
Neg Drift Comp
24
131...154
1
Page
Description
Default
Value
Key
Scope
Bits
Valid Range
Symbol
Parameter
Bytes
Address
Item
lQ
21
QT60240-ISG R8.06/0906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com