Electronic Components Datasheet Search
  English  ▼

X  

SST5911 Datasheet(PDF) 1 Page - Micross Components

Part # SST5911
Description  Linear Systems replaces discontinued Siliconix & National SST5911
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

SST5911 Datasheet(HTML) 1 Page - Micross Components

  SST5911 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
Improved Direct Replacement for SILICONIX & NATIONAL SST5911 
LOW NOISE (10KHz) 
en~ 4nV/√Hz 
HIGH TRANSCONDUCTANCE (100MHz) 
gfs ≥ 4000µS 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation (Total) 
500mW 
Maximum Currents 
Gate Current 
50mA 
Maximum Voltages 
Gate to Drain ‐25V 
Gate to Source ‐25V 
  
  
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VGS1 – VGS2 | 
Differential Gate to Source Cutoff Voltage 
‐‐ 
‐‐ 
10 
mV 
VDG = 10V, ID = 5mA           
∆|VGS1 – VGS2 | / ∆T 
 
Differential Gate to Source Cutoff  
Voltage Change with Temperature 
‐‐ 
‐‐ 
20 
µV/°C 
VDG = 10V, ID = 5mA      
TA = ‐55°C to +125°C 
IDSS1  / IDSS2 
 
Gate to Source Saturation Current Ratio 
0.95 
‐‐ 
1 
% 
VDS = 10V, VGS = 0V 
|IG1 – IG2 | 
Differential Gate Current 
‐‐ 
‐‐ 
20 
nA 
VDG = 10V, ID = 5mA      
TA = +125°C  
gfs1 / gfs2 
 
Forward Transconductance Ratio
2 
0.95 
‐‐ 
1 
% 
VDS = 10V, ID = 5mA, f = 1kHz 
CMRR 
Common Mode Rejection Ratio 
‐‐ 
85 
‐‐ 
dB 
VDG = 5V to 10V, ID = 5mA         
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25 
‐‐ 
 
 
V 
 
IG = ‐1µA, VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐1 
‐‐ 
‐5 
VDS = 10V, ID = 1nA 
VGS(F) 
Gate to Source Forward Voltage 
‐‐ 
0.7 
‐‐ 
IG =  1mA, VDS = 0V 
VGS 
Gate to Source Voltage ‐0.3 
‐‐ 
‐4 
VDG = 10V, IG = 5mA 
IDSS 
Gate to Source Saturation Current
3 
7 
‐‐ 
40 
mA 
VDS = 10V, VGS = 0V 
IGSS 
Gate Leakage Current
3 
‐‐ 
‐1 ‐50  
pA 
VGS = ‐15V, VDS = 0V 
IG 
Gate Operating Current 
‐‐ 
‐1 ‐50 
VDG = 10V, ID = 5mA 
gfs 
Forward Transconductance 
4000 
‐‐ 
10000  
µS 
 
 
VDG = 10V, ID= 5mA 
4000 
‐‐ 
10000 
gos 
Output Conductance 
‐‐ 
‐‐ 
100 
‐‐ 
‐‐ 
150 
CISS 
Input Capacitance 
‐‐ 
‐‐ 
5 
pF 
 
VDG = 10V, ID = 5mA, f = 1MHz 
CRSS 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
1.2 
NF 
Noise Figure 
‐‐ 
‐‐ 
1 
dB 
VDG = 10V, ID = 5mA, f = 10kHz, RG = 100KΩ 
en 
Equivalent Input Noise Voltage 
‐‐ 
7 
20 
nV/√Hz 
VDG = 10V, ID = 5mA, f = 100Hz 
‐‐ 
4 
10 
VDG = 10V, ID = 5mA, f = 10kHz 
Notes: 1. Absolute Maximum ratings are limiting values above which serviceability may be impaired      2. Pulse Test: PW ≤ 300µs Duty Cycle ≤ 3%
3. Assumes smaller value in numerator 
 
 
SST5911
MONOLITHIC DUAL
N-CHANNEL JFET
Linear Systems replaces discontinued Siliconix & National SST5911
SST5911 Applications:
Wideband Differential Amps
High-Speed,Temp-Compensated Single-
Ended Input Amps
High-Speed Comparators
Impedance Converters and vibrations
detectors.
The SST5911 are monolithic dual JFETs. The
monolithic dual chip design reduces parasitics and
gives better performance at very high frequencies while
ensuring extremely tight matching. These devices are
an excellent choice for use as wideband differential
amplifiers in demanding test and measurement
applications. The SST5911 is a direct replacement for
discontinued Siliconix and National SST5911.
The 8 Pin SOIC provides ease of manufacturing, and
the symmetrical pinout prevents improper orientation.
(See Packaging Information).
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
Available Packages:
SST5911 in SOIC
SST5911 available as bare die
 


Similar Part No. - SST5911

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SST5911 CALOGIC-SST5911 Datasheet
27Kb / 2P
N-Channel JFET Monolithic Dual
SST5911 CALOGIC-SST5911_15 Datasheet
34Kb / 2P
N-Channel JFET Monolithic Dual
logo
Micross Components
SST5911_SOIC MICROSS-SST5911_SOIC Datasheet
283Kb / 1P
MONOLITHIC DUAL N-CHANNEL JFET
More results

Similar Description - SST5911

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5564 MICROSS-2N5564 Datasheet
306Kb / 1P
Linear Systems replaces discontinued Siliconix & National
2N5911 MICROSS-2N5911 Datasheet
280Kb / 1P
Linear Systems replaces discontinued Siliconix & National
2N5912 MICROSS-2N5912 Datasheet
280Kb / 1P
Linear Systems replaces discontinued Siliconix & National
2N5912C MICROSS-2N5912C Datasheet
281Kb / 1P
Linear Systems replaces discontinued Siliconix & National
SST5912 MICROSS-SST5912 Datasheet
284Kb / 1P
Linear Systems replaces discontinued Siliconix & National SST5912
SST5912C MICROSS-SST5912C Datasheet
284Kb / 1P
Linear Systems replaces discontinued Siliconix / National SST5912C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com