Electronic Components Datasheet Search
  English  ▼

X  

PS-901 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # PS-901
Description  PHASE SHIFTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

PS-901 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  PS-901 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION PS-901 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION PS-901 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fc = 30 MHz
10% BANDWIDTH
PHASE SHIFTER
SURFACE MOUNT MODEL:
PS-901
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
[ 2 of 3 ]
Data @ 25 ºC
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
28.5
29
29.5
30
30.5
31
31.5
Frequency (MHz)
0
20
40
60
80
100
120
140
160
180
200
220
28.5
29
29.5
30
30.5
31
31.5
Frequency (MHz)
1 Volt
2 Volts
3 Volts
4 Volts
5 Volts
6 Volts
7 Volts
8 Volts
9 Volts
10 Volts
11 Volts
12 Volts



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com