Electronic Components Datasheet Search
  English  ▼

X  

SPC15412 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPC15412
Description  D-Sub Connector 9 Pin PCB Mount Plug
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPC15412 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPC15412 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPC15412 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
18/06/12
D-Sub Connector
9 Pin PCB Mount Plug
Specifications
Shell
: Steel, Tin-Plated
Contact
: Brass, Stamped Pin Gold-Plated
Insulator
: PBT & Fiber - Glass Reinforced
Current Rating
: 5 Amps
Dielectric Strength
: 1,000V for One Minute
Insulator Resistance
: 1,000MΩ Min. at 500V DC
Temperature
: -50°C to +105°C
Dimensions : Millimeters (Inches)


Similar Part No. - SPC15412

ManufacturerPart #DatasheetDescription
logo
Embest Technology Co. L...
SPC15457 EMBEST-SPC15457 Datasheet
202Kb / 3P
Low Cost Development Kit
More results

Similar Description - SPC15412

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
070261MR SUYIN-USA-070261MR Datasheet
126Kb / 1P
D-SUB 9 PIN MALE CONNECTOR
logo
List of Unclassifed Man...
SPC15269 ETC2-SPC15269 Datasheet
318Kb / 2P
D-Sub Connector 9 Pin PCB Mount Plug
logo
Assmann Electronics Inc...
AK125-2-R ASSMANN-AK125-2-R Datasheet
106Kb / 1P
D-Sub 9 Pin Female to D-Sub 25 Pin Male
AK178-3 ASSMANN-AK178-3 Datasheet
46Kb / 1P
D-Sub 9 Pin Male <=> D-Sub 9 Pin Female
AB915 ASSMANN-AB915 Datasheet
69Kb / 1P
D-Sub 9-Pin Female to D-Sub 25-pin Female
logo
Adam Technologies, Inc.
DPD-09P-25S-B2 ADAM-TECH-DPD-09P-25S-B2 Datasheet
119Kb / 1P
D-SUB 9 PIN MALE 25 PIN FEMALE
logo
Pepperl+Fuchs Inc.
LB9001A PF-LB9001A Datasheet
736Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9002A PF-LB9002A Datasheet
765Kb / 2P
D-Sub plug 9-pin
2020-03-30
LB9003A PF-LB9003A Datasheet
445Kb / 2P
D-Sub plug 9-pin
2020-03-30
logo
Japan Aviation Electron...
DELC-J9PAF-20L9E JAE-DELC-J9PAF-20L9E Datasheet
47Kb / 4P
D-Sub Connector, PCB side connector, Right angle, Pin, 9 pos.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com