Electronic Components Datasheet Search
  English  ▼

X  

SPC21364 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SPC21364
Description  Connector DC Power Jack, 5A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SPC21364 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SPC21364 Datasheet HTML 1Page - List of Unclassifed Manufacturers SPC21364 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.1
01/03/13
Connector
DC Power Jack, 5A
Specifications:
Electrical
Connector Type
: DC Power
Contact Rating
: 5A at 16V DC
Contact Resistance
: 30mΩ Max.
Insulation Resistance
: 50MΩ Min. at 500V DC
Dielectric Strength
: 500V AC for 1 minute
Mechanical
Life Cycle
: 5,000 Cycles
Insertion Force
: 0.3kg to 3kg
Withdrawal Force
: 0.3kg to 3kg
Environmental
Operating Temperature
: -25°C to +70°C
Part Shall withstand Wave Solder Temperature of 260°C for 5 seconds
PCB Layout
Bottom View
Schematic
‘X’=DWG. No.
Pin Diameter
Pin Terminal
Sleeve Shunt
Sleeve Spring
-1
1.45 +0.0 / -0.1
-2
1.87 +0.0/ -0.1
-3
2 +0.0/-0.1
-4
2.35 +0.0/-0.1
-5
2.5 +0.0/-0.1
Dimensions : Millimetres


Similar Part No. - SPC21364

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPC21A1 ETC-SPC21A1 Datasheet
125Kb / 12P
20KB SOUND CONTROLLER
More results

Similar Description - SPC21364

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
040055FJ002Y505XU SUYIN-USA-040055FJ002Y505XU Datasheet
226Kb / 1P
DC POWER JACK CONNECTOR
logo
CUI INC
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
DC POWER JACK
PJ-034-SMT CUI-PJ-034-SMT Datasheet
153Kb / 3P
DC POWER JACK
PJ-036AH-SMT CUI-PJ-036AH-SMT Datasheet
149Kb / 3P
DC POWER JACK
PJ-038-SMT CUI-PJ-038-SMT Datasheet
154Kb / 3P
DC POWER JACK
PJ-034A CUI-PJ-034A Datasheet
229Kb / 1P
DC POWER JACK
PJ-018 CUI-PJ-018 Datasheet
238Kb / 1P
DC POWER JACK
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
DC POWER JACK
PJ-048H CUI-PJ-048H Datasheet
182Kb / 3P
DC POWER JACK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com