Electronic Components Datasheet Search
  English  ▼

X  

SR220 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # SR220
Description  Schottky Barrier Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

SR220 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  SR220 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd SR220 Datasheet HTML 2Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Barrier Chip
Guard Ring Die Construction for Transient Protection
High Current Capability
Low Power Loss, High Efficiency
High Surge Current Capability
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications
Case: Molded Plastic
Polarity: Cathode Band
Weight: 0.40 grams (approx.)
Mounting Position: Any
Marking: Type Number
Symbol
SR220
SR230
SR240
SR250
SR260
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
(Note 1)
@TL = 100°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
50
A
Forward Voltage
@IF = 2.0A
VFM
0.50
0.70
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
0.5
10
mA
Typical Junction Capacitance (Note 2)
Cj
170
140
pF
Typical Thermal Resistance Junction to Lead
RJL
15
K/W
Typical Thermal Resistance Junction to Ambient (Note 1)
RJA
50
K/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Note: 1. Valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SR220-SR260
2
.0A Schottky Barrier Rectifiers
Dimensions in inches and (millimeters)
DO-15
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Features
Mechanical Data
TIGER ELECTRONIC CO.,LTD


Similar Part No. - SR220

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR220 WTE-SR220 Datasheet
49Kb / 3P
2.0A SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SR220 JGD-SR220 Datasheet
144Kb / 2P
2.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR220 BYTES-SR220 Datasheet
153Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Dc Components
SR220 DCCOM-SR220 Datasheet
459Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR220 FORMOSA-SR220 Datasheet
33Kb / 2P
2.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR220

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Comchip Technology
CDBD620-G COMCHIP-CDBD620-G Datasheet
94Kb / 4P
Chip Schottky Barrier Rectifier
CDBD2020-G COMCHIP-CDBD2020-G Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
CDBD2020-HF COMCHIP-CDBD2020-HF Datasheet
106Kb / 4P
Chip Schottky Barrier Rectifier
logo
Kersemi Electronic Co.,...
MBR8100L KERSEMI-MBR8100L Datasheet
439Kb / 2P
Schottky Barrier Chip
MBR840 KERSEMI-MBR840 Datasheet
429Kb / 2P
Schottky Barrier Chip
logo
Yea Shin Technology Co....
MBRX120SL YEASHIN-MBRX120SL Datasheet
405Kb / 2P
Chip Schottky Barrier Diodes
logo
Formosa MS
LFM220 FORMOSA-LFM220 Datasheet
54Kb / 7P
Chip Schottky Barrier Rectifier
logo
Sangdest Microelectroni...
SBL5200 SMC-SBL5200 Datasheet
197Kb / 5P
Schottky Barrier Chip
logo
PACELEADER INDUSTRIAL
MBR1550PS PACELEADER-MBR1550PS Datasheet
1Mb / 5P
Schottky Barrier Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com