Electronic Components Datasheet Search
  English  ▼

X  

SLD-K2 Datasheet(PDF) 2 Page - SYNERGY MICROWAVE CORPORATION

Part # SLD-K2
Description  DOUBLE-BALANCED MIXER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNERGY [SYNERGY MICROWAVE CORPORATION]
Direct Link  http://www.synergymwave.com
Logo SYNERGY - SYNERGY MICROWAVE CORPORATION

SLD-K2 Datasheet(HTML) 2 Page - SYNERGY MICROWAVE CORPORATION

  SLD-K2 Datasheet HTML 1Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 2Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 3Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 4Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 5Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 6Page - SYNERGY MICROWAVE CORPORATION SLD-K2 Datasheet HTML 7Page - SYNERGY MICROWAVE CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5 - 1000 MHz
DOUBLE-BALANCED MIXER
SURFACE MOUNT MODEL: SLD-K2
WIDE BANDWIDTH
[ 2 of 7 ]
201 McLean Boulevard • Paterson, New Jersey 07504 • Tel: (973) 881-8800 • Fax: (973) 881-8361
E-Mail: sales@synergymwave.com • World Wide Web: http://www.synergymwave.com
Copyright © Synergy Microwave Corporation
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
5
105
205
305
405
505
605
705
805
905
1005
RF Frequency (MHz)
LO=4 dBm
LO=7 dBm
LO=10 dBm
0
5
10
15
20
25
70
170
270
370
470
570
670
770
870
970
1070
RF Frequency (MHz)
4 dBm
7 dBm
10 dBm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com