Electronic Components Datasheet Search
  English  ▼

X  

BB305M Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # BB305M
Description  Build in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

BB305M Datasheet(HTML) 2 Page - Hitachi Semiconductor

  BB305M Datasheet HTML 1Page - Hitachi Semiconductor BB305M Datasheet HTML 2Page - Hitachi Semiconductor BB305M Datasheet HTML 3Page - Hitachi Semiconductor BB305M Datasheet HTML 4Page - Hitachi Semiconductor BB305M Datasheet HTML 5Page - Hitachi Semiconductor BB305M Datasheet HTML 6Page - Hitachi Semiconductor BB305M Datasheet HTML 7Page - Hitachi Semiconductor BB305M Datasheet HTML 8Page - Hitachi Semiconductor BB305M Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BB305M
2
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DS
12
V
Gate1 to source voltage
V
G1S
+10
–0
V
Gate2 to source voltage
V
G2S
±10
V
Drain current
I
D
25
mA
Channel power dissipation
Pch
150
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com