Electronic Components Datasheet Search
  English  ▼

X  

T460006 Datasheet(PDF) 1 Page - E-SWITCH

Part # T460006
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T460006 Datasheet(HTML) 1 Page - E-SWITCH

  T460006 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
400BWMSP1R2BLKSM6RE
2:1
4/30/2009
T460006
A
RC
1
1
2
13
14.73
[.580 in]
5.84
[.230 in]
8.00
[.315 in]
2.55
[.100 in]
5.08
[.200 in]
.75
[.030 in]
9.21
[.363 in]
NOTES:
1. ALL DIMENSIONS IN MM[INCH].
2. GENERAL TOLERANCE: X.X=
`0.4
X.XX=
`0.25
3. TERM. NOS. FOR REFERANCE ONLY.
4. ELECTRICAL LIFE: 50,000 MAKE-AND-BREAK CYCLES AT FULL LOAD.
5. CONTACT MATERIAL: GOLD
6. CONTACT RATING: .4VA MAX. @20V (AC OR DC)
7. CONTACT RESISTANCE: 20MILLI-OHMS MAX. INITIAL @2-4 VDC
8. OPERATING TEMPERATURE:-30
~C TO 85~C.
9. TERMINALS TO BE COPLANAR TO WITHIN 0.1[.004]
10.
DENOTES CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
12. PACKAGING: TAPE AND REEL 450 PCS. PER REEL
3.81
[.150 in]
1.02
[.040 in]
2.03
[.080 in]
2.03
[.080 in]
2.03
[.080 in]
3.56
[.140 in]
7.62
[.300 in]
2.03
[.080 in]
.51
[.020 in]
7.36
[.290 in]
5.70
[.224 in]
10.06
[.396 in]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3
OPEN
2-1
CIRCUIT: SPDT
RECOMMENDED P.C.B. LAYOUT
1
2
3
12
3
BLACK ACTUATOR
A
18513
NEW RELEASE
5/1/09
RC
EPOXY
SEAL
2.85
[.112 in]


Similar Part No. - T460006

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T460000 E-SWITCH-T460000 Datasheet
147Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T460001 E-SWITCH-T460001 Datasheet
116Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T460002 E-SWITCH-T460002 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T460003 E-SWITCH-T460003 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T460004 E-SWITCH-T460004 Datasheet
117Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T460006

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com