Electronic Components Datasheet Search
  English  ▼

X  

U440 Datasheet(PDF) 1 Page - Micross Components

Part # U440
Description  Linear Systems replaces discontinued Siliconix U440
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

U440 Datasheet(HTML) 1 Page - Micross Components

  U440 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed for its use; nor for any infringement of patents or
other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Linear Integrated Systems.
FEATURES 
Direct Replacement for SILICONIX U440 
HIGH CMRR 
CMRR ≥ 85dB 
LOW GATE LEAKAGE 
IGSS ≤ 1 pA 
ABSOLUTE MAXIMUM RATINGS 
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +150°C 
Operating Junction Temperature ‐55°C to +135°C 
Maximum Power Dissipation 
Continuous Power Dissipation (Total) 
500mW 
Maximum Currents 
Gate Current 
50mA 
Maximum Voltages 
Gate to Drain ‐25V 
Gate to Source ‐25V 
Gate to Gate 
±50V 
  
  
  
  
MATCHING CHARACTERISTICS @ 25°C (unless otherwise stated) 
SYMBOL 
CHARACTERISTIC 
MIN 
TYP 
MAX 
UNITS 
CONDITIONS 
|VGS1 – VGS2 | 
Differential Gate to Source Cutoff Voltage  
 
10 
mV 
VDG = 10V, ID = 5mA           
∆|VGS1 – VGS2 | / ∆T 
 
Differential Gate to Source Cutoff  
Voltage Change with Temperature 
 
20 
 
µV/°C 
VDG = 10V, ID = 5mA      
TA = ‐55°C to +125°C 
IDSS1  / IDSS2 
 
Gate to Source Saturation Current Ratio 
 
0.07 
 
% 
VDS = 10V, VGS = 0V 
Gfs1 / Gfs2 
 
Forward Transconductance Ratio
2  
0.97 
 
% 
VDS = 10V, ID = 5mA, f = 1kHz 
CMRR 
Common Mode Rejection Ratio  
85 
 
dB 
VDG = 5 to 10V, ID = 5mA          
 
ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTICS 
MIN. 
TYP. 
MAX. 
UNITS 
CONDITIONS 
BVGSS 
Gate to Source Breakdown Voltage ‐25  
 
V 
IG = ‐1µA, VDS = 0V 
VGS(off) 
Gate to Source Cutoff Voltage ‐1 ‐3.5 ‐6 
V 
VDS = 10V, ID = 1nA 
IDSS 
Gate to Source Saturation Current 
6 
15 
30 
mA 
VDS = 10V, VGS = 0V 
IGSS 
Gate Leakage Current
3  
‐1 ‐500 
pA 
VGS = ‐15V, VDS = 0V 
IG 
Gate Operating Current  
‐1 ‐500 
pA 
VDG = 10V, ID = 5mA 
gfs 
Forward Transconductance 
4.5 
6 
9 
mS 
VDS = 10V, ID= 5mA, f = 1kHz 
gos 
Output Conductance  
70 
200 
µS 
CISS 
Input Capacitance  
3  
pF 
VDS = 10V, ID = 5mA, f = 1MHz 
CRSS 
Reverse Transfer Capacitance  
1  
pF 
en 
Equivalent Input Noise Voltage  
4  
nV/√Hz 
VDS = 10V, ID = 5mA, f = 10kHz 
Notes: 
1. Absolute Maximum ratings are limiting values above which serviceability may be impaired
2. Pulse Test: PW ≤ 300µs Duty Cycle ≤ 3% 
3. Assumes smaller value in numerator 
The U440 is a tightly matched Monolithic Dual N-Channel JFET
U440
MONOLITHIC DUAL
N-CHANNEL JFET
U440 Applications:
Wideband Differential Amps
High-Speed,Temp-Compensated Single-
Ended Input Amps
High-Speed Comparators
Impedance Converters and vibrations
detectors.
The U440 are monolithic dual JFETs mounted in a
single TO-71 package. The monolithic dual chip design
reduces parasitics and gives better performance at very
high frequencies while ensuring extremely tight
matching. These devices are an excellent choice for
use as wideband differential amplifiers in demanding
test and measurement applications. The U440 is a
direct replacement for discontinued Siliconix U440.
The hermetically sealed TO-71 is well suited for military
applications.
(See Packaging Information).
Linear Systems replaces discontinued Siliconix U440
Available Packages:
U440 in TO-71
U440 available as bare die
Please contact Micross for full package and die dimensions:
Email: chipcomponents@micross.com
Web: www.micross.com/distribution.aspx
TO-71 (Top View)


Similar Part No. - U440

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
U440 CALOGIC-U440 Datasheet
25Kb / 2P
N-Channel JFET Monolithic Dual
logo
Linear Integrated Syste...
U440 LINEAR-U440 Datasheet
239Kb / 2P
MONOLITHIC DUAL N-CHANNEL JFET
logo
Vishay Siliconix
U440 VISHAY-U440 Datasheet
62Kb / 7P
Matched N-Channel JFET Pairs
04-Jun-01
U440-E3 VISHAY-U440-E3 Datasheet
62Kb / 7P
Matched N-Channel JFET Pairs
04-Jun-01
logo
Calogic, LLC
U440 CALOGIC-U440_15 Datasheet
33Kb / 2P
N-Channel JFET Monolithic Dual
More results

Similar Description - U440

ManufacturerPart #DatasheetDescription
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4392 MICROSS-2N4392 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N4393 MICROSS-2N4393 Datasheet
299Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5114 MICROSS-2N5114 Datasheet
310Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5115 MICROSS-2N5115 Datasheet
309Kb / 1P
Linear Systems replaces discontinued Siliconix
2N5116 MICROSS-2N5116 Datasheet
283Kb / 1P
Linear Systems replaces discontinued Siliconix
J108 MICROSS-J108 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J108
J111 MICROSS-J111 Datasheet
289Kb / 1P
Linear Systems replaces discontinued Siliconix J111
J177 MICROSS-J177 Datasheet
304Kb / 1P
Linear Systems replaces discontinued Siliconix J177
J210 MICROSS-J210 Datasheet
277Kb / 1P
Linear Systems replaces discontinued Siliconix J210
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com