Electronic Components Datasheet Search
  English  ▼

X  

AB15 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AB15
Description  Positive resin, blue coloured bleue, without marbling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AB15 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AB15 Datasheet HTML 1Page - List of Unclassifed Manufacturers AB15 Datasheet HTML 2Page - List of Unclassifed Manufacturers AB15 Datasheet HTML 3Page - List of Unclassifed Manufacturers AB15 Datasheet HTML 4Page - List of Unclassifed Manufacturers AB15 Datasheet HTML 5Page - List of Unclassifed Manufacturers AB15 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CIF
090917
Réf. DU80, DU85
Carbide drill bits
•
Monopiece. Queue reinforced 3,17
•
In stock from 0,4 mm to 3,17 mm
•
Minimum drilling speed 20 000 tr/min
•
Most little is the diameter, higher wil be the speed
•
Descent speed from 1,6 to 4 m/min
Ø (mm)
Item Code
Ø (mm)
Item Code
0,6
DU 66
2,0
DU 80
1,1
DU 71
2,5
DU 85
Réf. DUFD1
Carbide milling bit
• Monopiece carbide tool
• Queue 3,17 mm - front face
Ø (mm) Cote C in mm
Item Code
2,0
8,0
DUFD 1
Réf. EP116
Drilling plywood
Basic configuration
Process
Item Code Qty
Drilling boards, by 10
Drilling
EP116
1
Edité le 13/11/2008
Page N°3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com