Electronic Components Datasheet Search
  English  ▼

X  

AH-752 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH-752
Description  Heavy-duty, industrial quality, continuous duty heat blower
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AH-752 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH-752 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH-752 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AH-502
10155
500°F
260°C
230V
7.3A
1680 W
50/60 Hz
AH-752
10157
750°F
400°C
230V
9.4A
2160 W
50/60 Hz
All 120 volt models meet NOM requirements in Mexico.
*Comes standard with NEMA plug type-5-20P
SPECIFICATIONS
Ave. Air Volume: 47 CFM
Nozzle O.D.: 2.6"
Ave. Air Velocity: 2200 FPM
Nozzle Opening: 1.8"
Motor: Induction
Cordset: 6 ft., 3-wire grounded
Base Size: 6" x 6"
Net Weight: 6 lbs.
Dimensions: 12" L x 6" W x 9" H,
(AH-301 & AH-302, 9" L x 6" W x 9" H)
Shipping Weight: 8 lbs.
Many international voltages/cordsets available upon request.
Contact our Sales Department for appropriate Model Numbers.
View Replacement Parts List
Users should independently evaluate the suitability of the product for their application.
HOME
BACK TO PRODUCT LISTING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com