Electronic Components Datasheet Search
  English  ▼

X  

PHK2 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # PHK2
Description  Quality Products. Service Excellence
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

PHK2 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  PHK2 Datasheet HTML 1Page - Hammond Manufacturing Ltd. PHK2 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Non-Locking
Handle
Handle
Rotation
AHK1
clockwise
AHK2
clockwise
AHK3
clockwise
Locking Handle Handle Rotation
AHKL1
counter clockwise
AHKL2
counter clockwise
AHKL3
counter clockwise
Tee Locking
Handle
Description
THK1
1 point latch
THK2
3 point latch 48" and
under
THK3
3 point latch 60" and over
Type 12 Handle Kits HK Series
Features
Designed for field installation on most 1418 Series single
door enclosures (does not fit 1418 J Series).
Available with key locking, padlock​ing, and non-locking handles.
Single point kits include a handle and latch cam.
Three point kits include a handle, latch cam, latch rods and adjustable rod
guides.
Latch rod ends have rollers for easier door closing.
All parts are plated or painted for corrosion resistance.
Gallery
Padlocking Handle
Locking & Padlocking Handle
Description
PHK1
PHKL1
1 point latch
PHK2
PHKL2
3 point latch 48" and under
PHK3
PHKL3
3 point latch 60" and over
Data subject to change without notice.
Quality Products. Service Excellence.


Similar Part No. - PHK2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHK24NQ04LT PHILIPS-PHK24NQ04LT Datasheet
240Kb / 12P
TrenchMOS logic level FET
Rev. 01-12 September 2003
logo
VBsemi Electronics Co.,...
PHK24NQ04LT VBSEMI-PHK24NQ04LT Datasheet
1,009Kb / 9P
N-Channel 40-V (D-S) MOSFET
logo
NXP Semiconductors
PHK28NQ03LT PHILIPS-PHK28NQ03LT Datasheet
7Kb / 12P
TrenchMOS logic level FET
Rev. 01-12 December 2002
PHK28NQ03LT PHILIPS-PHK28NQ03LT Datasheet
98Kb / 12P
TrenchMOS logic level FET
Rev. 01-12 December 2002
PHK28NQ03LT NXP-PHK28NQ03LT Datasheet
221Kb / 12P
N-channel TrenchMOS logic level FET
Rev. 03-8 December 2009
More results

Similar Description - PHK2

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP-2625 SIPEX-SP-2625 Datasheet
168Kb / 6P
SIGNAL PROCESSING EXCELLENCE
logo
List of Unclassifed Man...
9845 ETC2-9845 Datasheet
109Kb / 1P
Service kit containing high quality standard cutters and pliers, screwdrivers and adjustable wrench
logo
Bel Fuse Inc.
2JS200 BEL-2JS200 Datasheet
87Kb / 2P
DEFINING A DEGREE OF EXCELLENCE
3AG16 BEL-3AG16 Datasheet
89Kb / 2P
BEL DEFINING A DEGREE OF EXCELLENCE
3AP1 BEL-3AP1 Datasheet
89Kb / 2P
BEL DEFINING A DEGREE OF EXCELLENCE
logo
WALSIN TECHNOLOGY CORPO...
WA04T WALSIN-WA04T Datasheet
223Kb / 7P
Excellence performance in surface mounting assembly
logo
Hammond Manufacturing L...
1591 HAMMOND-1591 Datasheet
289Kb / 3P
Quality Products. Service Excellence
1598 HAMMOND-1598 Datasheet
211Kb / 2P
Quality Products. Service Excellence
RB-AV HAMMOND-RB-AV Datasheet
82Kb / 2P
Quality Products. Service Excellence
logo
Smiths Metal Centres Li...
S154 SMITHS-S154 Datasheet
1Mb / 1P
Service. Quality. Value.
2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com