Electronic Components Datasheet Search
  English  ▼

X  

GSB-124 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GSB-124
Description  Two-Piece Grounding Connectors for Shielded and Coaxial Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSB-124 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GSB-124 Datasheet HTML 1Page - List of Unclassifed Manufacturers GSB-124 Datasheet HTML 2Page - List of Unclassifed Manufacturers GSB-124 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
229
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
Installation Method
1. Slip outer sleeve over insulation
jacket, after stripping. Trim braid to
within 1/2” of insulation.
2. Fan braid by rotating center
conductor and slip inner sleeve under
braid.
3. Position inner sleeve to extend about
1/16” beyond braid.
4. Slip one No. 22 or No. 20 ground wire
under outer sleeve (front or back), and
slide outer sleeve over braid.
For Daisy chain grounding, two
ground wires can be accommodated
by selecting the proper size outer
sleeve.
5. Outer sleeve covers all exposed
strands.
6. Compress in specified tool. (Tool will
not release until full compression
stroke is completed.)
A reliable method for grounding,
terminating and insulating shielded and
coaxial cable
All-around hex compression is applied
with a simple tool. The result: a
permanent, compression joint. With or
without grounding wire (insertable from
front or back), reliable grounding of
termination is done quickly, neatly, and
accurately.
The Thomas & Betts hex compression is
a permanent method which has reliably
connected literally hundreds of millions
of installations in communications,
aerospace, electronic, telephone, radio
and TV. The termination is completed
quickly, neatly, accurately … at a greatly
reduced production cost.
Warning: Never install
on energized wire.
238-254.pdf 3
7/13/2012 11:38:22 AM


Similar Part No. - GSB-124

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
GSB 1600RE BOSCH-GSB 1600RE Datasheet
29Kb / 1P
Impact Drills
GSB 20-2 BOSCH-GSB 20-2 Datasheet
2Mb / 5P
GSB 20-2 GSB 20-2 RE PROFESSIONAL
GSB 20-2 RE BOSCH-GSB 20-2 RE Datasheet
2Mb / 5P
GSB 20-2 GSB 20-2 RE PROFESSIONAL
GSB 36 V-LI BOSCH-GSB 36 V-LI Datasheet
30Kb / 1P
36V Combi Drill - Cordless
logo
Amphenol Corporation
GSB11110KEU AMPHENOL-GSB11110KEU Datasheet
210Kb / 2P
UNIVERSAL SERIAL BUS RECEPTACLE SERIES A STANDARD STRAIGHT PCB MOUNT
More results

Similar Description - GSB-124

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TWT2-P HIROSE-TWT2-P Datasheet
253Kb / 4P
Coaxial two-core(TWT2) Connectors
logo
Panasonic Semiconductor
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
List of Unclassifed Man...
GSB550 ETC2-GSB550 Datasheet
37Kb / 1P
Two-Piece - Inner sleeve Copper Grounding Connector for shielded and coaxial cables, Inner Diameter .55, Length 5/16 inch, Blue
logo
TE Connectivity Ltd
SDT TEC-SDT Datasheet
129Kb / 3P
Shielded coaxial cable lead
logo
Rosenberger Hochfrequen...
SLGK002C-C03-060 ROSENBERGER-SLGK002C-C03-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C05-060 ROSENBERGER-SLGK002C-C05-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C06-060 ROSENBERGER-SLGK002C-C06-060 Datasheet
106Kb / 1P
Grounding Kits for cable
SLGK002C-C07-060 ROSENBERGER-SLGK002C-C07-060 Datasheet
106Kb / 1P
Grounding Kits for cable
logo
Hirose Electric
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
1.27mm Pitch Two-Piece Connectors
logo
List of Unclassifed Man...
2-767004-2 ETC-2-767004-2 Datasheet
273Kb / 3P
High Speed, Controlled Impedance Two-Piece Connectors
Revised 8-97
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com