Electronic Components Datasheet Search
  English  ▼

X  

NDL5481P Datasheet(PDF) 2 Page - NEC

Part # NDL5481P
Description  1 300 nm OPTICAL ANALOG CATV SYSTEM 80 mm InGaAs PIN PHOTO DIODE MODULE WITH SMF
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NDL5481P Datasheet(HTML) 2 Page - NEC

  NDL5481P Datasheet HTML 1Page - NEC NDL5481P Datasheet HTML 2Page - NEC NDL5481P Datasheet HTML 3Page - NEC NDL5481P Datasheet HTML 4Page - NEC NDL5481P Datasheet HTML 5Page - NEC NDL5481P Datasheet HTML 6Page - NEC NDL5481P Datasheet HTML 7Page - NEC NDL5481P Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
NDL5481P Series
ORDERING INFORMATION
Part Number
Available Connector
NDL5481P
Without Connector
no flange
NDL5481PC
With FC-UPC Connector
NDL5481PD
With SC-UPC Connector
NDL5481P1
Without Connector
flat mount flange
NDL5481P1C
With FC-UPC Connector
NDL5481P1D
With SC-UPC Connector
NDL5481P2
Without Connector
vertical flange
NDL5481P2C
With FC-UPC Connector
NDL5481P2D
With SC-UPC Connector
ABSOLUTE MAXIMUM RATINGS (TC = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Reverse Voltage
VR
20
V
Forward Current
IF
10
mA
Optical Input Power
Pin
8mW
Operating Case Temperature
TC
−40 to +85
°C
Storage Temperature
Tstg
−40 to +85
°C
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Dark Current
ID
VR = 10 V
0.1
1.0
nA
Terminal Capacitance
Ct
VR = 10 V, f = 1.0 MHz
0.7
1.0
pF
Quantum Efficiency
η
λ = 1 300 nm
76
81
%
Responsivity
S
λ = 1 300 nm
0.8
0.85
A/W
Cut-off Frequency
fC
VR = 10 V,
λ = 1 300 nm,
RL = 50
Ω
2.5
GHz
Optical Return Loss
ORL
λ = 1 300 nm
40
45
dB
Intermodulation
Distortion
2 order
IMD2
λ = 1 300 nm, 2 Laser 2 Tone Test,
VR = 10 V, OMI = 50 %/LD,
−75
dBc
3 order
IMD3
Pin = 0.5 mW, f1 = 187.25 MHz,
f2 = 193.25 MHz
−90
dBc
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com