Electronic Components Datasheet Search
  English  ▼

X  

SSF2N60D2 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF2N60D2
Description  Main Product Characteristics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF2N60D2 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF2N60D2 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF2N60D2 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF2N60D2 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF2N60D2 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF2N60D2 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF2N60D2 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD. SSF2N60D2 Datasheet HTML 7Page - Silikron Semiconductor Co.,LTD. SSF2N60D2 Datasheet HTML 8Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SSF2N60D2
©Silikron Semiconductor CO.,LTD.
2012.07.04
Version : 1.0(preliminary)
page 2 of 8
www.silikron.com
Thermal Resistance
Symbol
Characterizes
Typ.
Max.
Units
RθJC
Junction-to-case③
—
3.7
℃/W
RθJA
Junction-to-ambient (t ≤ 10s) ④
—
110
℃/W
Electrical Characterizes @T
A=25℃ unless otherwise specified
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
V(BR)DSS
Drain-to-Source breakdown voltage
600
—
—
V
VGS = 0V, ID = 250μA
RDS(on)
Static Drain-to-Source on-resistance
—
3.7
4.2
Ω
VGS=10V,ID = 1.0A
—
8.2
—
TJ = 125℃
VGS(th)
Gate threshold voltage
2
—
4
V
VDS = VGS, ID = 250μA
—
2.2
—
TJ = 125℃
IDSS
Drain-to-Source leakage current
—
—
1
μA
VDS = 600V,VGS = 0V
—
—
50
TJ = 125℃
IGSS
Gate-to-Source forward leakage
—
—
100
nA
VGS =30V
—
—
-100
VGS = -30V
Qg
Total gate charge
—
5.67
—
nC
ID = 2.0A,
VDS=480V,
VGS = 10V
Qgs
Gate-to-Source charge
—
1.74
—
Qgd
Gate-to-Drain("Miller") charge
—
1.99
—
td(on)
Turn-on delay time
—
9.2
—
ns
VGS=10V, VDS=300V,
RGEN=25Ω, ID=2.0A
tr
Rise time
—
23.4
—
td(off)
Turn-Off delay time
—
15.3
—
tf
Fall time
—
20.1
—
Ciss
Input capacitance
—
250.1
—
pF
VGS = 0V
VDS = 25V
ƒ = 1MHz
Coss
Output capacitance
—
35.7
—
Crss
Reverse transfer capacitance
—
1.1
—
Source-Drain Ratings and Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
Conditions
IS
Continuous Source Current
(Body Diode)
—
—
2
A
MOSFET symbol
showing
the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
—
—
8
A
V
SD
Diode Forward Voltage
—
—
1.4
V
IS=2.0A, VGS=0V
trr
Reverse Recovery Time
—
356.8
—
ns
TJ = 25°C, IF =2A,
di/dt = 10
0A/μs
Qrr
Reverse Recovery Charge
—
1030
—
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com