Electronic Components Datasheet Search
  English  ▼

X  

6A4-TP Datasheet(PDF) 3 Page - Micro Analog systems

Part # 6A4-TP
Description  6 Amp Rectifier 50 - 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

6A4-TP Datasheet(HTML) 3 Page - Micro Analog systems

  6A4-TP Datasheet HTML 1Page - Micro Analog systems 6A4-TP Datasheet HTML 2Page - Micro Analog systems 6A4-TP Datasheet HTML 3Page - Micro Analog systems 6A4-TP Datasheet HTML 4Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6A05 thru 6A10
1
100
4
0
100
200
300
8
Figure 5
Maximum Non-Repetitive Forward Surge Current
Peak Forward Surge Current - Amperesversus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
6
10
20
60 80
40
400
500
600
Figure 4
Typical Reverse Characteristics
Instantaneous Reverse Leakage Current - MicroAmperesversus
Percent Of Rated Peak Reverse Voltage - Volts
Volts
4
6
20
10
µAmps
20
120
40
60
80
100
.01
.02
.04
.06
.1
.2
.4
.6
1
2
TJ=25
°C
40
60
100
140
TJ=100
°C
MCC
Revision:
B
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com