Electronic Components Datasheet Search
  English  ▼

X  

F130480 Datasheet(PDF) 1 Page - E-SWITCH

Part # F130480
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

F130480 Datasheet(HTML) 1 Page - E-SWITCH

  F130480 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
RR3113DBLKBLKREDGRNFHILO
2:1
1/26/2011
F130480
C
BGL
1
1
RECOMMENDED PANEL MOUNTING
THICKNESS 2.0mm - 3.0mm
LED SPECS ONLY
V
FORWARD VOLTAGE @20mA
MCD
FORWARD CURRENT
LUMINOUS INTENSITY @ 10mA
mA
UNITS
RED
2.0
20
80
GREEN
20
2.2
50
3
2
1
1
4
1
4
3
POS. 1
POS. 3
A
19622
RELEASED FOR PRODUCTION
1/25/11
BGL
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.30
3. TERM. NOS. FOR REF. ONLY
4. RATING: 20A @ 14 VDC
5. CONTACT RESISTANCE: 50mOHM MAX.
6. INSULATION RESISTANCE: 500 VDC 100M OHM MIN.
7. DIELECTRIC STRENGTH: 1500 VAC FOR 1 MIN
8. OPERATING TEMPERATURE: -20°C to 85°C
9.
DENOTES CRITICAL PARAMETER
10. 2002/95/EC (ROHS) COMPLIANT
11. LED COLOR: RED, GREEN
2.00
[.079 in]
n23.00
[.906 in]
3.60 `.50
.142 `.020 in
[]
2.00
[.079 in]
10.70
[.421 in]
19.80
[.780 in]
11.00
[.433 in]
2.20
[.087 in]
R10.10
[.398 in]
CIRCUIT: SPST
3
2
1
RED
GREEN
4
-
+
4.7 K OHMS
RESISTOR
14VDC MAX.
.80
[.031 in]
16.50
[.650 in]
8.10 `.50
.319 `.020 in
[]
7.10
[.280 in]
14.20 `.50
.559 `.020 in
[]
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
ON
2,1
OPEN
2,3
4.75
[.187 in]
n2.20
[.087 in]
7.00 `.50
.276 `.020 in
[]
HOUSING
BLACK
ACTUATOR
BLACK
GRAPHIC
WHITE
22.60 `1.00
.890 `.039 in
[]
B
19732
UPDATE CIRCUIT DIAGRAM
3/3/11
BGL
C
B
C
19827
UPDATE CIRCUIT SYMBOL & ADD POS.
4/11/11
BGL


Similar Part No. - F130480

ManufacturerPart #DatasheetDescription
logo
C&K Components
F1304 CK-COMPONENTS-F1304 Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
logo
E-SWITCH
F130410 E-SWITCH-F130410 Datasheet
200Kb / 1P
ALL DIMENSIONS IN MM [INCH]
F130411 E-SWITCH-F130411 Datasheet
239Kb / 1P
ALL DIMENSIONS IN MM [INCH]
F130412 E-SWITCH-F130412 Datasheet
163Kb / 1P
ALL DIMENSIONS IN MM [INCH]
F130413 E-SWITCH-F130413 Datasheet
59Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - F130480

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com