Electronic Components Datasheet Search
  English  ▼

X  

CMDM Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # CMDM
Description  Chassis Mount DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMDM Datasheet(HTML) 1 Page - Wall Industries,Inc.

  CMDM Datasheet HTML 1Page - Wall Industries,Inc. CMDM Datasheet HTML 2Page - Wall Industries,Inc. CMDM Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMDM Series
15 Watt, Single Output
2:1 Wide Input Voltage Range
Chassis Mount DC/DC Converter
Rev B
FEATURES
● 15 Watts Output Power
● Output Current up to 4A
● High Efficiency up to 88%
● Fixed Switching Frequency
● Six-Sided Continuous Shield
● 2:1 Wide Input Voltage Range
● ISO9001 Certified Manufacturing Facilities
● Call Factory for More Output Power Options
● Compliant to RoHS EU Directive 2002/95/EC
● Options: Positive Logic and Negative Logic Remote ON/OFF
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMDM Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 12V nominal input ....................... 9 - 18 VDC
24V nominal input ..................... 18 - 36 VDC
48V nominal input ..................... 36 - 75 VDC
Input Surge Voltage (100ms max) ....... 12V input ..........................36 VDC
24V input ..........................50 VDC
48V input ........................100 VDC
Input Reflected Ripple Current (Note 2)........................................20mAp-p
Start Up Time (nominal Vin and constant resistive load) .............20ms typ.
Remote ON/OFF (Option) (Note 7)
(Positive Logic)............... DC-DC ON.............Open or 3.5V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
(Negative Logic) ............. DC-DC ON...............Short or 0V < Vr < 1.2V
DC-DC OFF ...........Open or 3.5V < Vr < 12V
Input Current of Remote Control Pin (nominal Vin) ........... -0.5mA ~ +1mA
Remote Off State Input Current (nominal Vin) ...................................20mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Output Current ..............................................................................see table
Output Power ........................................................................ 15 watts max.
Line Regulation (LL to HL at FL)....................................................... ±0.5%
Load Regulation (min load to full load) ............................................. ±0.5%
Minimum Load (See Note 6) ........................................................see table
Ripple/Noise (20 MHz BW) .......................................................... 50mVp-p
Temperature Coefficient ................................................. ±0.02% / °C max.
Transient Response Recovery Time (25% load step) .......................250us
PROTECTION SPECIFICATIONS
Over Voltage Protection................. 3.3V output ..................................3.9V
(zener diode clamp)
5V output ..................................6.2V
12V output ...................................15V
15V output ...................................18V
Over Load Protection (% of full load at nominal input).............. 150% max.
Short Circuit Protection. ...................................Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................500KHz typ.
Isolation Voltage (Input to Output)......................................... 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance ................................................................ 300pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40°C ~ +85°C (with derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ............................................................. 100°C
Relative Humidity...................................................................5% to 95% RH
Thermal Impedance (Note 8)
Natural Convection ............................................................. 12°C / Watt
Natural Convection with Heat-Sink..................................... 10°C / Watt
Thermal Shock ..................................................................... MIL-STD-810F
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 1) .......................................................... 2.041 x 10
6 hours
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter.................................................. six-sided
Weight .............................................................................Approximately 6oz
Dimensions................................................... 4(L) x 2.2(W) x 0.81(H) inches
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
EMI ............................EN55022 ...................................................... Class A
ESD ....................EN61000-4-2……..
…….Perf. Criteria B
Radiated Immunity......EN61000-4-3 ....................... 10V/m Perf. Criteria A
Fast Transient.............EN61000-4-4 ......................... ±2KV Perf. Criteria B
Surge .........................EN61000-4-5 ......................... ±1KV Perf. Criteria B
Conducted Immunity...EN61000-4-6 .................... 10 Vrms Perf. Criteria A
Due to advances in technology, specifications subject to change without notice
Air ± 8KV
Contact ± 6KV
APPLICATIONS
● Measurement
● Wireless Network
● Telecom/Datacom
● Industry Control System
● Semiconductor Equipment


Similar Part No. - CMDM

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
Chassis Mount DC/DC Converter
CMDMW24S12-1250 WALL-CMDMW24S12-1250 Datasheet
287Kb / 6P
Chassis Mount DC/DC Converter
CMDMW24S15-1000 WALL-CMDMW24S15-1000 Datasheet
287Kb / 6P
Chassis Mount DC/DC Converter
CMDMW24S3.3-3000 WALL-CMDMW24S3.3-3000 Datasheet
287Kb / 6P
Chassis Mount DC/DC Converter
CMDMW24S5-3000 WALL-CMDMW24S5-3000 Datasheet
287Kb / 6P
Chassis Mount DC/DC Converter
More results

Similar Description - CMDM

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
chassis mount dc-dc converter
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
chassis mount dc-dc converter
VHK75W CUI-VHK75W_11 Datasheet
787Kb / 10P
chassis mount dc-dc converter
logo
Wall Industries,Inc.
CMDMW WALL-CMDMW Datasheet
287Kb / 6P
Chassis Mount DC/DC Converter
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
CHASSIS-MOUNT DC-DC CONVERTER
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
UFEC60 P-DUKE-UFEC60_14 Datasheet
526Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
CHASSIS-MOUNT DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com