Electronic Components Datasheet Search
  English  ▼

X  

CMJR Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # CMJR
Description  Chassis Mount DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMJR Datasheet(HTML) 2 Page - Wall Industries,Inc.

  CMJR Datasheet HTML 1Page - Wall Industries,Inc. CMJR Datasheet HTML 2Page - Wall Industries,Inc. CMJR Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMJR Series
10 Watt Single Output
2:1 Wide Input Voltage Range
Chassis Mount DC/DC Converter
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Range
Output Voltage Output Current
Output
Ripple & Noise
Input Current
(6)
Efficiency
(7)
Capacitor
(8)
Load max
CMJR5S5-2000
5 VDC
2000mA
50mVp-p
2500mA
79%
7900µF
CMJR5S12-830
12 VDC
830mA
50mVp-p
2350mA
82%
2200µF
CMJR5S15-660
5 VDC
(4.5 – 9 VDC)
15 VDC
670mA
50mVp-p
2348mA
82%
1470µF
CMJR12S33-2000
3.3 VDC
2000mA
50mVp-p
724mA
80%
6800µF
CMJR12S5-2000
5 VDC
2000mA
50mVp-p
1082mA
81%
4700µF
CMJR12S12-830
12 VDC
830mA
50mVp-p
1037mA
84%
690µF
CMJR12S15-660
12 VDC
(9 – 18 VDC)
15 VDC
670mA
50mVp-p
1046mA
84%
470µF
CMJR24S33-2000
3.3 VDC
2000mA
50mVp-p
362mA
80%
6800µF
CMJR24S5-2000
5 VDC
2000mA
50mVp-p
534mA
82%
4700µF
CMJR24S12-830
12 VDC
830mA
50mVp-p
519mA
84%
690µF
CMJR24S15-660
24 VDC
(18 – 36 VDC)
15 VDC
670mA
50mVp-p
523mA
84%
470µF
CMJR48S33-2000
3.3 VDC
2000mA
50mVp-p
181mA
80%
6800µF
CMJR48S5-2000
5 VDC
2000mA
50mVp-p
260mA
84%
4700µF
CMJR48S12-830
12 VDC
830mA
50mVp-p
253mA
86%
690µF
CMJR48S15-660
48 VDC
(36 – 75 VDC)
15 VDC
670mA
50mVp-p
252mA
87%
470µF
NOTES
1. The CMJR Series requires a minimum 10% loading on the output to maintain specified regulation. Operation under no load condition
will not damage these devices, however, they may not meet all listed specifications.
2. The ON/OFF control pin voltage is referenced to –Vin. To order negative logic On/Off control add the suffix “-R” (Ex: CMJR5S5-2000-R).
3.
BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
4.
“I” Version is more efficient; therefore, it can be operated over a more extensive temperature range than the standard version. Please
add the suffix “-I” for industrial grade temperature range models.
5.
Heat sink is optional, please consult factory for ordering details.
6.
Maximum value at nominal input voltage and full load of standard type.
7. Typical value at nominal input voltage and no load.
8. Tested at minimum Vin and constant resistive load.
9. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
DERATING CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com