Electronic Components Datasheet Search
  English  ▼

X  

DCBOB5 Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DCBOB5
Description  Up to 6 Watts, DC/DC Power Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCBOB5 Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DCBOB5 Datasheet HTML 1Page - Wall Industries,Inc. DCBOB5 Datasheet HTML 2Page - Wall Industries,Inc. DCBOB5 Datasheet HTML 3Page - Wall Industries,Inc. DCBOB5 Datasheet HTML 4Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wall Industries, Inc.
Rev A
DCBOB5 SERIES
Up to 6 Watts, DC/DC Power Converters
02/26/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 2 of 4
TECHNICAL SPECIFICATIONS: DCBOB5 SERIES
All specifications are based on 25°C, nominal input voltage, and maximum output current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Nom
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
Input Voltage Range
48VDC nominal input models
18
48
75
VDC
24VDC nominal input models
50
Input Surge Voltage (100ms max)
48VDC nominal input models
100
VDC
Input Reflected Ripple Current
Nominal Vin and full load
76
mAp-p
Input Current
See Table
Input Filter
Pi Type
Converter ON
Open or 3.5V < Vr < 12V
Remote On/Off
Converter OFF
Short to -Vin (Pin 2,3) or 0V < Vr < 1.2V
Sourcing Current of Remote Control Pin
Nominal Vin
0.2
mA
Idle Input Current (at Remote OFF State)
Nominal Vin
2.5
mA
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Voltage Accuracy
Full load and nominal Vin
-2
+2
%
Output Current
See Table
Minimum Load
See Table
Capacitive Load
See Table
Start-up Time
Nominal Vin and constant resistive load
500
ms
Line Regulation
LL to HL at full load
-0.5
+0.5
%
Single output models
25% load to full load
-1
+1
Balanced output
-1
+1
Load Regulation
Dual output models
Unbalanced load 25% to full load
-5
+5
%
Output Power
6
W
Ripple & Noise
20MHz bandwidth
80
mVp-p
Temperature Coefficient
±0.02
%/°C
Transient Response Overshoot
di/dt=0.8A/μs
±5
% of Vo
Transient Response Settling Time
50% load step change
860
μs
PROTECTION
3.3VDC output models
3.9
5VDC output models
6.2
12VDC output models
15
Over Voltage Protection
15VDC output models
Zener Diode Clamp
18
VDC
Short Circuit Protection
continuous, automatic recovery
Over Load Protection
% of full load
120
%
GENERAL SPECIFICATIONS
Efficiency
Nominal input
See Table
Isolation Voltage (Input to Output)
3000
VDC
Isolation Resistance (Input to Output)
500VDC
1
GΩ
Isolation Capacitance
270
pF
Switching Frequency
300
KHz
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature
With derating (see derating curve)
-40
+85
°C
Maximum Case Temperature
+100
°C
Storage Temperature
-55
+105
°C
Relative Humidity
5
95
% RH
Cooling
Free air convection
MTBF
2,400,000 hours
PHYSICAL SPECIFICATIONS
Case Material
Nickel-coated copper
Base Material
Non-conductive black plastic
Potting Material
Silicon rubber (UL94V-0)
Weight
0.61oz (17.2g)
Dimensions (L x W x H)
1.25 x 0.80 x 0.40 inches (31.75 x 20.32 x 10.16 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com