Electronic Components Datasheet Search
  English  ▼

X  

DCPDLW06 Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # DCPDLW06
Description  6 Watt DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DCPDLW06 Datasheet(HTML) 1 Page - Wall Industries,Inc.

  DCPDLW06 Datasheet HTML 1Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 2Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 3Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 4Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 5Page - Wall Industries,Inc. DCPDLW06 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Wall Industries, Inc.
Rev A
DCPDLW06 SERIES
6 Watt DC/DC Power Converters
07/10/2013
Wall Industries, Inc. • 5 Watson Brook Road, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
FEATURES
0.86” x 0.44” x 0.36” SIP Package
High Efficiency up to 87%
Remote ON/OFF Control
4:1 Ultra Wide Input Voltage Ranges
6 Watts Maximum Output Power
Fixed Switching Frequency
1600VDC I/O Isolation (Optional 3000VDC Isolation)
Continuous Short Circuit Protection
Plastic (Standard) & Metal (Suffix “M”) Case Types Available
CE Mark Meets 2006/95/EC, 93/68/EEC, & 2004/108/EC
UL60950-1, EN60950-1, & IEC60950-1 Safety Approvals
Compliant to RoHS EU Directive 2011/65/EU
DESCRIPTION
Plastic Case (Standard)
Size: 0.86 x 0.44 x 0.36 inches
Metal Case (Suffix “M”)
Size: 0.86 x 0.44 x 0.36 inches
The DCPDLW06 series of DC/DC power converters provides 6 watts of output power in a 0.86 x 0.44 x 0.36 inch
SIP package. This series has single and dual output models with 4:1 ultra wide input voltage ranges of 9-36VDC
and 18-75VDC. Some features include high efficiency up to 87%, 1600VDC (standard) or 3000VDC (suffix “H”)
I/O isolation, remote ON/OFF control, and continuous short circuit protection. Both plastic (standard) and
metal (suffix “M”) case types are available for this series. All models are RoHS compliant and have UL60950-1,
EN60950-1, and IEC60950-1 safety approvals. This series is best suited for use in industry control systems,
wireless networks, measurement equipment, telecom/datacom, and semiconductor equipment.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load (2)
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
DCPDLW06-24S3.3
3.3 VDC
0mA
1500mA
50mVp-p
4mA
5W
81%
4700µF
DCPDLW06-24S05
5 VDC
0mA
1200mA
50mVp-p
4mA
6W
84%
2200μF
DCPDLW06-24S09
9 VDC
0mA
666mA
50mVp-p
4mA
6W
86%
1400μF
DCPDLW06-24S12
12 VDC
0mA
500mA
50mVp-p
4mA
6W
87%
1100μF
DCPDLW06-24S15
15 VDC
0mA
400mA
50mVp-p
4mA
6W
88%
1000μF
DCPDLW06-24S24
24 VDC
(9 - 36 VDC)
24 VDC
0mA
250mA
50mVp-p
4mA
6W
87%
470μF
DCPDLW06-48S3.3
3.3 VDC
0mA
1500mA
50mVp-p
4mA
5W
81%
4700µF
DCPDLW06-48S05
5 VDC
0mA
1200mA
50mVp-p
4mA
6W
84%
2200μF
DCPDLW06-48S09
9 VDC
0mA
666mA
50mVp-p
4mA
6W
85%
1400μF
DCPDLW06-48S12
12 VDC
0mA
500mA
50mVp-p
4mA
6W
87%
1100μF
DCPDLW06-48S15
15 VDC
0mA
400mA
50mVp-p
4mA
6W
87%
1000μF
DCPDLW06-48S24
48 VDC
(18 - 75 VDC)
24 VDC
0mA
250mA
50mVp-p
4mA
6W
87%
470μF
DUAL OUTPUT MODELS
Output Current
Model Number
Input Voltage Range
Output
Voltage
Min Load
Max Load
Output
Ripple & Noise
No Load
Input Current
Output
Power
Efficiency
Maximum
Capacitive Load
DCPDLW06-24D05
±5 VDC
0mA
±600mA
50mVp-p
6mA
6W
84%
±1400μF
DCPDLW06-24D12
±12 VDC
0mA
±250mA
50mVp-p
6mA
6W
87%
±660μF
DCPDLW06-24D15
24 VDC
(9 - 36 VDC)
±15 VDC
0mA
±200mA
50mVp-p
8mA
6W
87%
±470μF
DCPDLW06-48D05
±5 VDC
0mA
±600mA
50mVp-p
6mA
6W
84%
±1400μF
DCPDLW06-48D12
±12 VDC
0mA
±250mA
50mVp-p
6mA
6W
87%
±660μF
DCPDLW06-48D15
48 VDC
(18 - 75 VDC)
±15 VDC
0mA
±200mA
50mVp-p
8mA
6W
87%
±470μF
NOTES
1. The DCPDLW06 series standard models can only meet EMI Class A and Class B with external components added. Please contact factory for more
information.
2. An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5. We recommend connecting an aluminum electrolytic
capacitor (Nippon chemi-con KY series, 220μF/100V) in parallel.
3. Two case types are available for this series. Plastic case is standard; for the metal case add the suffix “M” to the model number. See the model number
setup on page 7 for ordering details.
4. 1600VDC I/O isolation is standard; for 3000VDC I/O isolation add the suffix “H” to the model number (Ex: DCPDLW06-24S12H). 3000VDC I/O isolation is
only available for plastic case models.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - DCPDLW06

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DCPDLW06 WALL-DCPDLW06 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
DCPDLW06-24D05 WALL-DCPDLW06-24D05 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
DCPDLW06-24D05H WALL-DCPDLW06-24D05H Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
DCPDLW06-24D05M WALL-DCPDLW06-24D05M Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
DCPDLW06-24D09H WALL-DCPDLW06-24D09H Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
More results

Similar Description - DCPDLW06

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM6T AIMTEC-AM6T Datasheet
279Kb / 3P
6 watt dc-dc converters
AM6TW AIMTEC-AM6TW Datasheet
248Kb / 2P
6 watt dc-dc converters
logo
Wall Industries,Inc.
DCMOP06 WALL-DCMOP06 Datasheet
158Kb / 5P
6 Watt Medical DC/DC Power Converters
DCMPP06 WALL-DCMPP06 Datasheet
159Kb / 5P
6 Watt Medical DC/DC Power Converters
DCPDL06 WALL-DCPDL06 Datasheet
959Kb / 7P
6 Watt DC/DC Power Converters
ELANC WALL-ELANC Datasheet
103Kb / 4P
6 Watt DC/DC Power Converters
DCPDL06 WALL-DCPDL06_16 Datasheet
826Kb / 7P
6 Watt DC/DC Power Converters
DCMPP06 WALL-DCMPP06_18 Datasheet
323Kb / 5P
6 Watt Medical DC/DC Power Converters
DCMPPW06 WALL-DCMPPW06_18 Datasheet
305Kb / 5P
6 Watt Medical DC/DC Power Converters
DCPDLW06 WALL-DCPDLW06_16 Datasheet
824Kb / 6P
6 Watt DC/DC Power Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com