Electronic Components Datasheet Search
  English  ▼

X  

JFW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # JFW
Description  15W Open Frame DC/DC Power Converters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

JFW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  JFW Datasheet HTML 1Page - Wall Industries,Inc. JFW Datasheet HTML 2Page - Wall Industries,Inc. JFW Datasheet HTML 3Page - Wall Industries,Inc. JFW Datasheet HTML 4Page - Wall Industries,Inc. JFW Datasheet HTML 5Page - Wall Industries,Inc. JFW Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. D
JFW Series
Single Output
4:1 Input Voltage Range
15W DC/DC Power Converters
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
10/18/2011
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
SPECIFICATIONS: JFW Series
All specifications are based on 25°C, Nominal Input Voltage, and Maximum Output Current unless otherwise noted.
We reserve the right to change specifications based on technological advances.
SPECIFICATION
TEST CONDITIONS
Min
Typ
Max
Unit
INPUT SPECIFICATIONS
24VDC nominal input models
9
24
36
Input Voltage Range
48VDC nominal input models
18
48
75
VDC
24VDC nominal input models
9
Start-up Voltage
48VDC nominal input models
18
VDC
24VDC nominal input models
8
Shutdown Voltage
48VDC nominal input models
16
VDC
24VDC nominal input models
50
Input Surge Voltage (100ms)
48VDC nominal input models
100
VDC
Input Reflected Ripple Current
30
mAp-p
OUTPUT SPECIFICATIONS
Output Voltage
See Table
Line Regulation
Low line to high line at full load
-0.2
+0.2
%
Load Regulation
No load to full load
-0.2
+0.2
%
Voltage Accuracy
Full load an nominal Vin
-1
+1
%
Voltage Adjustability (See Note 6)
-10
+10
%
Output Power
15
W
Output Current
See Table
Ripple & Noise (20Hz BW)
Measured with a 1µF M/C and a 10µF T/C
100
mVp-p
Transient Response Recovery Time
25% load step change
250
µs
Power Up
30
Start-Up Time
Nominal input and constant resistive load
Remote ON/OFF
30
ms
Minimum Load
0
%
Temperature Coefficient
-0.02
+0.02
%/°C
PROTECTION
3.3VDC Output Model
3.7
5.4
5VDC Output Model
5.6
7.0
12VDC Output Model
13.8
17.5
Over Voltage Protection
Voltage clamped
15VDCOutput Model
16.8
20.5
VDC
Over Load Protection
% of FL at nominal input
150
%
Short Circuit Protection
Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency
Nominal input and full load
See Table
3.3VDC & 5VDC Output Models
315
350
385
Switching Frequency
12VDC & 15VDC Output Models
360
400
440
KHz
Isolation Voltage (Input to Output)
For 1 minute
2250
VDC
Isolation Resistance
10
GΩ
Isolation Capacitance
1500
pF
REMOTE ON/OFF (See Note 7)
DC/DC ON
Open or 3V < Vr < 15V
Positive Logic (standard)
DC/DC OFF
Short or 0V < Vr < 1.2V
DC/DC ON
Short or 0V < Vr < 1.2V
Negative Logic (optional)
DC/DC OFF
Open or 3V < Vr < 15V
Input Current of Remote Control Pin
Nominal Input
-0.5
1
mA
Remote Off Input Current
Nominal Input
2.5
mA
ENVIRONMENTAL SPECIFICATIONS
Operating Ambient Temperature
With derating
-40
+85
°C
Storage Temperature
-55
+125
°C
Relative Humidity
5
95
% RH
Thermal Shock
MIL-STD-810F
Vibration
MIL-STD-810F
Lead-Free Reflow Solder Process
IPC J-STD-020D
Moisture Sensitivity Level (MSL)
IPC J-STD-033B Level 2a
BELLCORE TR-NWT-000332
1,322,000 hours
MTBF (See Note 1)
MIL-HDBK-217F
514,700 hours
PHYSICAL SPECIFICATIONS
Weight
0.36oz (10.5g)
Dimensions (L x W x H)
1.10 x 0.94 x 0.34 inches (27.9 x 23.9 x 8.5 mm)
SAFETY & EMC CHARACTERISTICS
Safety Approvals
IEC60950-1, UL60950-1, EN60950-1
EMI (See Note 8)
EN55022
Class A
Radiated Immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast Transient (See Note 9)
EN61000-4-4
±2KV
Perf. Criteria A
Surge (See Note 9)
EN61000-4-5
±1KV
Perf. Criteria A
Conducted Immunity
EN61000-4-6
3 Vrms
Perf. Criteria A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com