Electronic Components Datasheet Search
  English  ▼

X  

LM217LD13TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LM217LD13TR
Description  Low current 1.2 to 37 V adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM217LD13TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LM217LD13TR Datasheet HTML 11Page - STMicroelectronics LM217LD13TR Datasheet HTML 12Page - STMicroelectronics LM217LD13TR Datasheet HTML 13Page - STMicroelectronics LM217LD13TR Datasheet HTML 14Page - STMicroelectronics LM217LD13TR Datasheet HTML 15Page - STMicroelectronics LM217LD13TR Datasheet HTML 16Page - STMicroelectronics LM217LD13TR Datasheet HTML 17Page - STMicroelectronics LM217LD13TR Datasheet HTML 18Page - STMicroelectronics LM217LD13TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
DocID2168 Rev 5
15/23
LM217L, LM317L
Package mechanical data
23
Figure 14. TO-92 Bag drawing
Table 6 TO-92 Bag mechanical data
Dim.
mm
Min.
Typ.
Max.
A4.32
4.95
b0.36
0.51
D4.45
4.95
E3.30
3.94
e2.41
2.67
e1
1.14
1.40
L
12.70
15.49
R2.16
2.41
S1
0.92
1.52
W0.41
0.56
V5°
0102782 D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com