Electronic Components Datasheet Search
  English  ▼

X  

SSF8N60 Datasheet(PDF) 2 Page - Silikron Semiconductor Co.,LTD.

Part # SSF8N60
Description  Extremely high dv/dt capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.

SSF8N60 Datasheet(HTML) 2 Page - Silikron Semiconductor Co.,LTD.

  SSF8N60 Datasheet HTML 1Page - Silikron Semiconductor Co.,LTD. SSF8N60 Datasheet HTML 2Page - Silikron Semiconductor Co.,LTD. SSF8N60 Datasheet HTML 3Page - Silikron Semiconductor Co.,LTD. SSF8N60 Datasheet HTML 4Page - Silikron Semiconductor Co.,LTD. SSF8N60 Datasheet HTML 5Page - Silikron Semiconductor Co.,LTD. SSF8N60 Datasheet HTML 6Page - Silikron Semiconductor Co.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
©Silikron Semiconductor Corporation
2010.1.10
Version: 1.0
page
2of6
SSF8N60
Electrical Characteristics @TJ=25
ْC (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
600
—
—
V
VGS=0V,ID=250μA
△ V(BR)DSS/
△ TJ
Breakdown Voltage Temp.Coefficient
—
0.6
—
V
/ْC Reference to 25ْC,ID=250μA
RDS(on)
Static Drain-to-Source On-resistance
—
0.85
1.1
Ω
VGS=10V,ID=3.8A
④
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS=VGS,ID=250μA
gfs
Forward Transconductance
—
6.4
—
S
VDS=40V,ID=3.8A
IDSS
Drain-to-Source Leakage current
—
—
1
uA
VDS=600V,VGS=0V
—
—
10
VDS=480V,VGS=0V,TJ=
150ْC
IGSS
Gate-to-Source Forward leakage
—
—
0.5
uA
VGS=30V
Gate-to-Source Reverse leakage
—
—
-0.5
VGS=-30V
Qg
Total Gate Charge
—
28.5
15
nC
ID=7.5A
VDS=480V
VGS=10V
Qgs
Gate-to-Source charge
—
7
—
Qgd
Gate-to-Drain("Miller") charge
—
14.6
—
td(on)
Turn-on Delay Time
—
29
70
nS
VDD=300V
ID=7.5A
RG=25
Ω
tr
Rise Time
—
78
160
td(off)
Turn-Off Delay Time
—
65
130
tf
Fall Time
—
60
128
Ciss
Input Capacitance
—
1000
1350
pF
VGS=0V
VDS=25V
f=1.0MHZ
Coss
Output Capacitance
—
125
165
Crss
Reverse Transfer Capacitance
—
16
21
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
(Body Diode)
—
—
8.2
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
ISM
Pulsed Source Current
(Body Diode)
①
—
—
32.8
VSD
Diode Forward Voltage
—
—
1.3
V
TJ=
25ْC,IS=7.2A,VGS=0V ④
Trr
Reverse Recovery Time
—
300
—
nS
TJ=
25ْC,IF=7.2A
di/dt=100A/μs ④
Qrr
Reverse Recovery Charge
—
1.8
uC
Notes:
① Repetitive rating; pulse width limited by maximum. junction temperature
② L = 23.5mH, IAS =6.5A, VDD = 50V, RG = 25
ΩStarting, TJ = 25°C
③
ISD≤4A, di/dt≤200A/μs, VDD≤V(BR)DSS, TJ≤25°C
④
Pulse width≤300μS; duty cycle≤2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com