Electronic Components Datasheet Search
  English  ▼

X  

OSALKXXX Datasheet(PDF) 1 Page - OptoSupply International

Part # OSALKXXX
Description  Anylight with Keychain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OSALKXXX Datasheet(HTML) 1 Page - OptoSupply International

  OSALKXXX Datasheet HTML 1Page - OptoSupply International OSALKXXX Datasheet HTML 2Page - OptoSupply International OSALKXXX Datasheet HTML 3Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LED & Application Technologies
http://www.optosupply.com
VER B.0
1
A
An
ny
ylliig
gh
htt w
wiitth
h K
Ke
ey
yc
ch
ha
aiin
n
O
OS
SA
AL
LK
KX
XX
XX
X
PRODUCT SPECIFICATION FOR Anylight LED Light
Descriptions:
50% Power Angle: 15deg
Operating Time: 5Hrs
LED Type: white LED, 5mm
Weight: 7.58g
Features:
Built-in Li Battery
Micro size and portable
Practically unbreakable LED light
Available with different colors housing
Dual function on/off switch & squeeze button
Application:
Small Area Illuminations
Chart reading for astronomers and pilots
Emergency lighting for home and office
Outdoor activities such as camping and etc
Product Picture:


Similar Part No. - OSALKXXX

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSALMXXX OPTOSUPPLY-OSALMXXX Datasheet
157Kb / 3P
Anylight with Magnet
OSALSXXX OPTOSUPPLY-OSALSXXX Datasheet
314Kb / 3P
Anylight with Strand
More results

Similar Description - OSALKXXX

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BC2004D BOLYMIN-BC2004D Datasheet
116Kb / 1P
COB with metal frame 5x7 dots with cursor
logo
ON Semiconductor
CAT1163WI28 ONSEMI-CAT1163WI28 Datasheet
143Kb / 12P
Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
logo
OptoSupply Internationa...
OSALMXXX OPTOSUPPLY-OSALMXXX Datasheet
157Kb / 3P
Anylight with Magnet
OSALSXXX OPTOSUPPLY-OSALSXXX Datasheet
314Kb / 3P
Anylight with Strand
logo
Japan Aviation Electron...
FM8 JAE-FM8 Datasheet
110Kb / 4P
Compatible with FFCs with and without ground.
logo
Amphenol Corporation
P-U90-G4X1-1XXX AMPHENOL-P-U90-G4X1-1XXX Datasheet
826Kb / 10P
WITH HEATSINK
logo
VITALCONN ELECTRONICS H...
J21TG07K1NP01 VITALCONN-J21TG07K1NP01 Datasheet
479Kb / 3P
RJ45 WITH SINGLE USB3.0 , WITH SINGLE TYPE C , WITH LEDs WITH MAGNETIC
JT210111NP01 VITALCONN-JT210111NP01 Datasheet
410Kb / 2P
RJ45 WITH SINGLE USB3.0 , WITH SINGLE TYPE C ,WITH LED
logo
Pepperl+Fuchs Inc.
RL28-55-V-3018 PF-RL28-55-V-3018 Datasheet
196Kb / 2P
Retroreflective sensor with polarization filter with foreground
logo
Maxim Integrated Produc...
73M1866B MAXIM-73M1866B Datasheet
277Kb / 13P
Keychain Demo Board User Manual
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com