Electronic Components Datasheet Search
  English  ▼

X  

74HCT244DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT244DB
Description  Octal buffer/line driver; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT244DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT244DB Datasheet HTML 5Page - NXP Semiconductors 74HCT244DB Datasheet HTML 6Page - NXP Semiconductors 74HCT244DB Datasheet HTML 7Page - NXP Semiconductors 74HCT244DB Datasheet HTML 8Page - NXP Semiconductors 74HCT244DB Datasheet HTML 9Page - NXP Semiconductors 74HCT244DB Datasheet HTML 10Page - NXP Semiconductors 74HCT244DB Datasheet HTML 11Page - NXP Semiconductors 74HCT244DB Datasheet HTML 12Page - NXP Semiconductors 74HCT244DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
74HC_HCT244
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 24 September 2012
9 of 18
NXP Semiconductors
74HC244; 74HCT244
Octal buffer/line driver; 3-state
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 8.
Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aad983
DUT
VCC
VCC
VI
VO
RT
RL
S1
CL
open
G
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC244
VCC
6ns
15pF, 50 pF
1k
open
GND
VCC
74HCT244
3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com