Electronic Components Datasheet Search
  English  ▼

X  

HAF2005 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HAF2005
Description  Silicon N Channel MOS FET Series Power Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2005 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HAF2005 Datasheet HTML 1Page - Hitachi Semiconductor HAF2005 Datasheet HTML 2Page - Hitachi Semiconductor HAF2005 Datasheet HTML 3Page - Hitachi Semiconductor HAF2005 Datasheet HTML 4Page - Hitachi Semiconductor HAF2005 Datasheet HTML 5Page - Hitachi Semiconductor HAF2005 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HAF2005
Silicon N Channel MOS FET Series
Power Switching
ADE-208-688 (Z)
Target specification 1st. Edition
Nov. 1998
This FET has the over temperature shut–down capability sensing to the junction temperature. This FET has
the built–in over temperature shut–down circuit in the gate area. And this circuit operation to shut–down
the gate voltage in case of high junction temperature like applying over power consumption, over current
etc.
Features
• Logic level operation (4 to 6 V Gate drive)
• High endurance capability against to the short circuit
• Built–in the over temperature shut–down circuit
• Latch type shut–down operation (Need 0 voltage recovery)
Outline
Gate resistor
Tempe–
rature
Sencing
Circuit
Latch
Circuit
Gate
Shut–
down
Circuit
D
S
G
1. Gate
2. Drain
3. Source
TO–220FM
1
2
3


Similar Part No. - HAF2005

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAF2005 RENESAS-HAF2005 Datasheet
88Kb / 8P
Silicon N Channel MOSFET Series Power Switching
HAF2005 RENESAS-HAF2005_15 Datasheet
107Kb / 10P
Silicon N Channel MOS FET Series Power Switching
More results

Similar Description - HAF2005

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HAF2011 HITACHI-HAF2011 Datasheet
34Kb / 6P
Silicon N Channel MOS FET Series Power Switching
logo
Renesas Technology Corp
RJF0605JPD RENESAS-RJF0605JPD Datasheet
63Kb / 4P
Silicon N Channel MOS FET Series Power Switching
RJF0606JPE RENESAS-RJF0606JPE Datasheet
63Kb / 4P
Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP Datasheet
104Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0605DPD RENESAS-RJF0605DPD Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0611DPE RENESAS-RJF0611DPE Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0611JPD RENESAS-RJF0611JPD_15 Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0605DPD RENESAS-RJF0605DPD_15 Datasheet
95Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0610DSP RENESAS-RJF0610DSP_15 Datasheet
104Kb / 8P
Silicon N Channel MOS FET Series Power Switching
RJF0610JSP RENESAS-RJF0610JSP_15 Datasheet
104Kb / 8P
Silicon N Channel MOS FET Series Power Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com