Electronic Components Datasheet Search
  English  ▼

X  

HAF2011S Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HAF2011S
Description  Silicon N Channel MOS FET Series Power Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAF2011S Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HAF2011S Datasheet HTML 1Page - Hitachi Semiconductor HAF2011S Datasheet HTML 2Page - Hitachi Semiconductor HAF2011S Datasheet HTML 3Page - Hitachi Semiconductor HAF2011S Datasheet HTML 4Page - Hitachi Semiconductor HAF2011S Datasheet HTML 5Page - Hitachi Semiconductor HAF2011S Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HAF2011(L),HAF2011(S)
2
Absolute Maximum Ratings (Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
V
DSS
60
V
Gate to source voltage
V
GSS
16
V
Gate to source voltage
V
GSS
–2.5
V
Drain current
I
D
40
A
Drain peak current
I
D(pulse)
Note1
80
A
Body-drain diode reverse drain current
I
DR
40
A
Channel dissipation
Pch
Note2
50
W
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
1. PW
≤ 10µs, duty cycle ≤ 1 %
2. Value at Ta = 25
°C
Typical Operation Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Input voltage
V
IH
3.5
—
—
V
V
IL
—
—
1.2
V
Input current
I
IH1
—
—
100
µA
Vi = 8V, V
DS = 0
(Gate non shut down)
I
IH2
——
50
µA
Vi = 3.5V, V
DS = 0
I
IL
——
1
µA
Vi = 1.2V, V
DS = 0
Input current
I
IH(sd)1
—
0.8
—
mA
Vi = 8V, V
DS = 0
(Gate non shut down)
I
IH(sd)2
—
0.35
—
mA
Vi = 3.5V, V
DS = 0
Shut down temperature
T
sd
—
175
—
°C
Channel temperature
Gate operation voltage
V
OP
3.5
—
12
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com