Electronic Components Datasheet Search
  English  ▼

X  

FDFD2-250 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FDFD2-250
Description  Insulated Crimp Terminals Metric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDFD2-250 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDFD2-250 Datasheet HTML 1Page - List of Unclassifed Manufacturers FDFD2-250 Datasheet HTML 2Page - List of Unclassifed Manufacturers FDFD2-250 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FDD / FDFD Series
Insulated Crimp Terminals Metric
Page 1
21/10/05 V1.1
Features:
•
Easy cable entry guide which eliminates flared wire strands.
•
Bright electrotinned finish which prevents oxidisation.
•
Full compliance to BS4579, IEC352-2, ISO1996.
•
A digit is indented above the crimp to verify correct usage.
Specifications:
Current ratings
: Quoted at 415 V ac maximum at
32°C.
Temperature range
: -20°C to +85°C.
Insulation
: Coloured Vinyl.
Terminal
: Brass, Copper to BS6017 (1981).
Plating
: Electrotinned to BS1872 (1984).
Maximum Electrical Rating
: 75°C 300 Volts.
Female Push-On
Fully Insulated Female Push-On
Wire Details
Insulation Colour
Red
Blue
Yellow
Wire size in mm2
0.25 - 1.65
1.04 - 2.63
2.63 - 6.64
Single standard wire size
diameter
0.57 - 1.44
1.14 - 1.82
1.82 - 2.89
Equivalent A.W.G.
22 - 16
16 - 14
12 - 10
Equivalent S.W.G.
29 - 17
17 - 13
11 - 6
Suitable metric cables
Stranded
19/0.15
19/0.3
19/0.45
13/0.2
7/0.5
44/0.3
16/0.2
21/0.3
7/0.85
19/0.2
30/0.25
56/0.3
14/0.25
19/0.335
65/0.3
24/0.2
63/0.2
37/0.4
19/0.25
28/0.3
159/0.2
32/0.2
35/0.3
84/0.3
40/0.2
51/0.25
7/1.04
19/0.3
-
-
Single
1/0.9
1/1.38
1/2.25
1/1.13
1/1.78
-
Crimp Selection Chart
Dimensions : Millimetres
AWG = American Wire Gauge.
SWG = Standard Wire Gauge.
Conductor make up metric cables i.e. 19/0.15 = 19 strands of 0.15mm diameter.


Similar Part No. - FDFD2-250

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
FDFD2-250 MULTICOMP-FDFD2-250 Datasheet
192Kb / 1P
Vinyl Fully Insulated Double Crimp Female Quick Disconnects
12/08/20 V1.0
More results

Similar Description - FDFD2-250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
19323 MOLEX5-19323 Datasheet
664Kb / 2P
Metric Ring Terminals
logo
List of Unclassifed Man...
FDFD1-250 ETC2-FDFD1-250 Datasheet
136Kb / 3P
Insulated Crimp Terminals Metric
logo
Molex Electronics Ltd.
64001-7670 MOLEX11-64001-7670 Datasheet
27Kb / 1P
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
64001-7770 MOLEX11-64001-7770 Datasheet
29Kb / 1P
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
0640017670 MOLEX11-0640017670 Datasheet
27Kb / 1P
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
0640017870 MOLEX11-0640017870 Datasheet
29Kb / 1P
Hand Crimp Tool for 4 AWG Insulated Ring Terminals
0640017970 MOLEX11-0640017970 Datasheet
27Kb / 1P
Hand Crimp Tool for 2 AWG Insulated Ring Terminals
ATS-640017670 MOLEX-ATS-640017670 Datasheet
135Kb / 4P
Crimp Tool Kit for 8 AWG Insulated Ring Terminals
07-16-13
ATS-640017770 MOLEX-ATS-640017770 Datasheet
128Kb / 4P
Crimp Tool Kit for 6 AWG Insulated Ring Terminals
07-16-13
ATS-640017970 MOLEX-ATS-640017970 Datasheet
127Kb / 4P
Hand Crimp Tool for 2 AWG Insulated Ring Terminals
07-16-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com