Electronic Components Datasheet Search
  English  ▼

X  

HAT1024R Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HAT1024R
Description  Silicon P Channel Power MOS FET High Speed Power Switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HAT1024R Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HAT1024R Datasheet HTML 1Page - Hitachi Semiconductor HAT1024R Datasheet HTML 2Page - Hitachi Semiconductor HAT1024R Datasheet HTML 3Page - Hitachi Semiconductor HAT1024R Datasheet HTML 4Page - Hitachi Semiconductor HAT1024R Datasheet HTML 5Page - Hitachi Semiconductor HAT1024R Datasheet HTML 6Page - Hitachi Semiconductor HAT1024R Datasheet HTML 7Page - Hitachi Semiconductor HAT1024R Datasheet HTML 8Page - Hitachi Semiconductor HAT1024R Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HAT1024R
3
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V
(BR)DSS
–30
—
—
V
I
D = –10mA, VGS = 0
Gate to source breakdown
voltage
V
(BR)GSS
±20
—
—
V
I
G = ±100µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16V, VDS = 0
Zero gate voltege drain current
I
DSS
—
—
–10
µAV
DS = –30 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
–1.0
—
–2.5
V
V
DS = –10V, I D = –1mA
Static drain to source on state
R
DS(on)
—
0.12
0.16
Ω
I
D = –2A, VGS = –10V
Note4
resistance
R
DS(on)
—
0.2
0.34
Ω
I
D = –2A, VGS = –4V
Note4
Forward transfer admittance
|y
fs|
2.5
3.5
—
S
I
D = –2A, VDS = –10V
Note4
Input capacitance
Ciss
—
350
—
pF
V
DS = –10V
Output capacitance
Coss
—
230
—
pF
V
GS = 0
Reverse transfer capacitance
Crss
—
75
—
pF
f = 1MHz
Turn-on delay time
t
d(on)
—
18
—
ns
V
GS = –4V, ID = –2A
Rise time
t
r
—
110
—
ns
V
DD ≅ –10V
Turn-off delay time
t
d(off)
—20
—
ns
Fall time
t
f
—30
—
ns
Body–drain diode forward
voltage
V
DF
—
–1.0
–1.5
V
IF = –3.5A, V
GS = 0
Note4
Body–drain diode reverse
recovery time
t
rr
—
60
—
ns
IF = –3.5A, V
GS = 0
diF/ dt =20A/
µs
Note:
4. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com