Electronic Components Datasheet Search
  English  ▼

X  

IRL3102L Datasheet(PDF) 2 Page - International Rectifier

Part # IRL3102L
Description  Advanced Process Technology
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3102L Datasheet(HTML) 2 Page - International Rectifier

  IRL3102L Datasheet HTML 1Page - International Rectifier IRL3102L Datasheet HTML 2Page - International Rectifier IRL3102L Datasheet HTML 3Page - International Rectifier IRL3102L Datasheet HTML 4Page - International Rectifier IRL3102L Datasheet HTML 5Page - International Rectifier IRL3102L Datasheet HTML 6Page - International Rectifier IRL3102L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRL3102
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.016 –––
V/°C
Reference to 25°C, ID = 1mA
–––
––– 0.015
VGS = 4.5V, ID = 37A
„
–––
––– 0.013
Ω
VGS = 7.0V, ID = 37A
„
VGS(th)
Gate Threshold Voltage
0.70
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
36
–––
–––
S
VDS = 16V, ID = 35A
–––
–––
25
µA
VDS = 20V, VGS = 0V
–––
–––
250
VDS = 10V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 10V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -10V
Qg
Total Gate Charge
–––
–––
58
ID = 35A
Qgs
Gate-to-Source Charge
–––
–––
14
nC
VDS = 16V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
21
VGS = 4.5V, See Fig. 6
„
td(on)
Turn-On Delay Time
–––
10
–––
VDD = 10V
tr
Rise Time
–––
130
–––
ns
ID = 35A
td(off)
Turn-Off Delay Time
–––
80
–––
RG = 9.0Ω, VGS = 4.5V
tf
Fall Time
–––
110
–––
RD = 0.28Ω,
„
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
2500 –––
VGS = 0V
Coss
Output Capacitance
–––
1000 –––
pF
VDS = 15V
Crss
Reverse Transfer Capacitance
–––
360
–––
ƒ = 1.0MHz, See Fig. 5
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ ISD ≤ 35A, di/dt ≤ 100A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 0.36mH
RG = 25Ω, IAS = 35A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 37A, VGS = 0V
„
trr
Reverse Recovery Time
–––
59
88
ns
TJ = 25°C, IF = 35A
Qrr
Reverse Recovery Charge
–––
110
160
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
61
240
A
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
nH
LS
Internal Source Inductance
–––
7.5
–––
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com