Electronic Components Datasheet Search
  English  ▼

X  

MP4570 Datasheet(PDF) 1 Page - 3M Electronics

Part # MP4570
Description  Scotchmate and Dual Lock Reclosable Fasteners Mini-Packs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

MP4570 Datasheet(HTML) 1 Page - 3M Electronics

  MP4570 Datasheet HTML 1Page - 3M Electronics MP4570 Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
Scotchmate™ and Dual Lock™
Reclosable Fasteners Mini-Packs
MP3401/02, MP3526N/27N, MP3541/42,
MP3551/52, MP3560, MP4570
Product Description
3M™ Reclosable Fasteners offer advanced closure alternatives to zippers, screws, snaps, bolts and more. They’re
often better than conventional closure methods because they offer greater design flexibility, faster product
assembly, smoother and cleaner exterior surfaces and improved product performance in many applications.
3M™ Scotchmate™ and Dual Lock™ Reclosable Fasteners Mini-Packs are great for design development and
small volume product requirements and can be used to inexpensively test and evaluate eight most popular 3M
reclosable fasteners before making a more substantial investment.
Selection Guide
March, 2005
3M™ Scotchmate™ Hook and Loop Reclosable Fasteners
Qty per
Product/Color
Roll Size
pkg
Description
Attachment Method
MP3401/02
1 in x 4.9 yds
1 hook
Plain-back 3M™ Scotchmate™
Sew-on, staple or
white
1 loop
Reclosable Fastener
mechanical
MP3401/02
1 in x 4.9 yds
1 hook
Plain-back 3M™ Scotchmate™
Sew-on, staple or
black
1 loop
Reclosable Fastener
mechanical
MP3526N/27N
1 in x 4.9 yds
1 hook
General Purpose Synthetic Rubber
Adhesive bonds well to
white
1 loop
Pressure Sensitive Adhesive
most substrates
MP3526N/27N
1 in x 4.9 yds
1 hook
General Purpose Synthetic Rubber
Adhesive bonds well to
black
1 loop
Pressure Sensitive Adhesive
most substrates
3M™ Dual Lock™ Reclosable Fasteners
Qty per
Product/Color
Roll Size
pkg
Description
Attachment Method
MP3541/42
1 in x 4.9 yds
1 - 3541
General Purpose Synthetic Rubber
Adhesive bonds well to
black with
1 - 3542
Pressure Sensitive Adhesive
most substrates
black adhesive
MP3551/52
1 in x 4.9 yds
1 - 3551
High Performance Acrylic Foam
Adhesive bonds well to high
black with
1 - 3552
Pressure Sensitive Adhesive
surface energy substrates
white adhesive
MP3560
1 in x 4.9 yds
2 - 3560
CLEAR 3M™ Dual Lock™
Adhesive bonds well to high
clear with
High Performance Acrylic Foam
surface energy substrates
clear adhesive
Pressure Sensitive Adhesive
MP4570
5/8 in x 10 feet
1 - 4570
CLEAR 3M™ Dual Lock™ Low Profile
Adhesive bonds well to low
clear with
with Acrylic LSE Adhesive
surface energy substrates
clear adhesive
Construction
Features
• Simplifies storage and dispensing.
• Available in both plain-backed and
adhesive-backed fasteners.
• Faster, easier attachment.
• Pressure-sensitive adhesive-backed versions include both general purpose
synthetic rubber and 3M™ High Performance Acrylic Adhesives.


Similar Part No. - MP4570

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF MPS-MP4570GF Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
MP4570GF-P MPS-MP4570GF-P Datasheet
676Kb / 22P
3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
More results

Similar Description - MP4570

ManufacturerPart #DatasheetDescription
logo
3M Electronics
TB3540 3M-TB3540 Datasheet
36Kb / 5P
Dual Lock™ Reclosable Fasteners Trial Bags
Jun-2010
SJ3560 3M-SJ3560 Datasheet
219Kb / 7P
3M™ Dual Lock™ Reclosable Fastener SJ3560
Jun-2014
SJ3443 3M-SJ3443 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3443
Jun-2014
SJ3522 3M-SJ3522 Datasheet
33Kb / 8P
Scotchmate™ Reclosable Fasteners
Apr-2006
SJ3461 3M-SJ3461 Datasheet
138Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3461
Sep-2017
SJ3441 3M-SJ3441 Datasheet
143Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3441
Sep-2017
SJ3481 3M-SJ3481 Datasheet
135Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3481
Jun-2014
SJ3460 3M-SJ3460 Datasheet
138Kb / 5P
3M??Dual Lock??Reclosable Fastener SJ3460
SJ3445 3M-SJ3445 Datasheet
143Kb / 5P
3M??Dual Lock??Reclosable Fastener SJ3445
SJ3463 3M-SJ3463 Datasheet
166Kb / 5P
3M™ Dual Lock™ Reclosable Fastener SJ3463
Jun-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com