Electronic Components Datasheet Search
  English  ▼

X  

FD4-48 Datasheet(PDF) 2 Page - TRIAD MAGNETICS

Part # FD4-48
Description  Power Transformer Chassis Mount Quick Pack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FD4-48 Datasheet(HTML) 2 Page - TRIAD MAGNETICS

  FD4-48 Datasheet HTML 1Page - TRIAD MAGNETICS FD4-48 Datasheet HTML 2Page - TRIAD MAGNETICS FD4-48 Datasheet HTML 3Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Power Transformers
Chassis Moun t:
Quick P ack ™
Single Primary
Dual Primary
Dimensions
Wt.
Section
115 V
115 /230 V
VA
Output Rating
L
W
H
A
B
ML
Lbs.
F3-10
•
10.0V CT @ 0.25A
F3-12
•
12.6V CT @ 0.2A
F3-16
•
16.0V CT @ 0.15A
F3-20
•
20.0V CT @ 0.12A
A
F3-24
•
2.4
24.0V CT @ 0.1A
F3-28
•
28.0V CT @ 0.085A
F3-36
•
36.0V CT @ 0.065A
F3-48
•
48.0V CT @ 0.05A
F3-56
•
56.0V CT @ 0.045A
F3-120
•
120.0V CT @ 0.02A
F4-10
FD4-10
10.0V CT @ 0.6A
F4-12
FD4-12
12.6V CT @ 0.5A
F4-16
FD4-16
16.0V CT @ 0.4A
F4-20
FD4-20
20.0V CT @ 0.3A
B
F4-24
FD4-24
6.0
24.0V CT @ 0.25A
F4-28
FD4-28
28.0V CT @ 0.2A
F4-36
FD4-36
36.0V CT @ 0.17A
F4-48
FD4-48
48.0V CT @ 0.125A
F4-56
FD4-56
56.0V CT @ 0.11A
F4-120
FD4-120
120.0V CT @ 0.05A
F5-10
FD5-10
10.0V CT @ 1.2A
F5-12
FD5-12
12.6V CT @ 1.0A
F5-16
FD5-16
16.0V CT @ 0.8A
F5-20
FD5-20
20.0V CT @ 0.6A
C
F5-24
FD5-24
12.0
24.0V CT @ 0.5A
F5-28
FD5-28
28.0V CT @ 0.42A
F5-36
FD5-36
36.0V CT @ 0.35A
F5-48
FD5-48
48.0V CT @ 0.25A
F5-56
FD5-56
56.0V CT @ 0.22A
F5-120
FD5-120
120.0V CT @ 0.1A
F6-10
FD6-10
10.0V CT @ 3.0A
F6-12
FD6-12
12.6V CT @ 2.5A
F6-16
FD6-16
16.0V CT @ 2.0A
F6-20
FD6-20
20.0V CT @ 1.5A
D
F6-24
FD6-24
30.0
24.0V CT @ 1.25A
F6-28
FD6-28
28.0V CT @ 1.1A
F6-36
FD6-36
36.0V CT @ 0.85A
F6-48
FD6-48
48.0V CT @ 0.63A
F6-56
FD6-56
56.0V CT @ 0.54A
F6-120
FD6-120
120.0V CT @ 0.25A
F7-10
FD7-10
10.0V CT @ 5.0A
F7-12
FD7-12
12.6V CT @ 4.0A
F7-16
FD7-16
16.0V CT @ 3.5A
F7-20
FD7-20
20.0V CT @ 2.8A
E
F7-24
FD7-24
56.0
24.0V CT @ 2.4A
F7-28
FD7-28
28.0V CT @ 2.0A
F7-36
FD7-36
36.0V CT @ 1.5A
F7-48
FD7-48
48.0V CT @ 1.2A
F7-56
FD7-56
56.0V CT @ 1.0A
F7-120
FD7-120
120.0V CT @ 0.5A
:: Quick P ack
CT = Center Tap
Mounting hole size: 3/16"
21/16
11/16
13/16
15/8
9
/16
13/4
0.25
23/8
11/4
13/8
111/16
11
/16
2
0.44
213/16
13/8
15/8
115/16
13
/16
23/8
0.70
31/4
111/16
115/16
25/16
11/16
213/16
1.10
311/16
113/16
21/4
211/16
11/16
31/8
1.70
:: Description
The Triad Quick Pack small power transformer series offers a significant reduction in size and weight
for a given VA rating. These transformers are available in six sizes for a wide variety of applications.
They are bobbin wound for reduced size and small operating space. Split bobbin nonconcentric winding
eliminates costly electrostatic shielding. Termination is suitable for quick connects or soldering.
:: Specifica tions
Primary: 115 V, 115/230 V, 50/60 Hz
VA Range: 2.4 to 100.0
Output Rating Range: 10.0 V CT to 120.0 V CT
Class B
UL
Rec ogniz ed
UL
F ile E53148



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com